Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 55Page - Infineon Technologies AG TLE5012 Datasheet HTML 56Page - Infineon Technologies AG TLE5012 Datasheet HTML 57Page - Infineon Technologies AG TLE5012 Datasheet HTML 58Page - Infineon Technologies AG TLE5012 Datasheet HTML 59Page - Infineon Technologies AG TLE5012 Datasheet HTML 60Page - Infineon Technologies AG TLE5012 Datasheet HTML 61Page - Infineon Technologies AG TLE5012 Datasheet HTML 62Page - Infineon Technologies AG TLE5012 Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
59
V 1.0, 2010-11
3.7
Overvoltage Comparators
Various comparators monitor the voltage in order to ensure error-free operation. The overvoltage must be active
at least 256 periods of tDIG to set the test comparator bits in the SSC Interface registers. This serves as digital spike
suppression.
3.7.1
Internal Supply Voltage Comparators
Every voltage regulator has an overvoltage (OV) comparator to detect a malfunction. If the nominal output voltage
of 2.5 V is larger than VOVG, VOVA and VOVD, then this overvoltage comparator is activated.
Figure 29
OV comparator
3.7.2
V
DD Overvoltage Detection
The Overvoltage Detection comparator monitors the external supply voltage at the VDD pin. It activates the S_VR
bit (Figure 29).
3.7.3
GND - Off Comparator
The GND - Off comparator is used to detect a voltage difference between the GND pin and SCK. It activates the
S_VR bit of the SSC Interface. This circuit can detect a disconnection of the supply GND pin.
Table 28
Test comparators
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Overvoltage Detection
VOVG
-2.80
-
V
VOVA
-2.80
-
V
VOVD
-2.80
-
V
VDD Overvoltage
VDDOV
-6.05
-
V
VDD Undervoltage
VDDUV
-2.70
-
V
GND - Off Voltage
VGNDoff
-
-0.55
-
V
VDD - Off Voltage
VVDDoff
-0.55
-
V
Spike Filter Delay
tDEL
-10
-
µs
1)
1) Not subject to production test - verified by design/characterization
REF
-
+
10µs
Spike
Filter
xxx_OV
VDDA
GND
GND
VDD
VRG
VRA
VRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com