Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG TLE5012 Datasheet HTML 35Page - Infineon Technologies AG TLE5012 Datasheet HTML 36Page - Infineon Technologies AG TLE5012 Datasheet HTML 37Page - Infineon Technologies AG TLE5012 Datasheet HTML 38Page - Infineon Technologies AG TLE5012 Datasheet HTML 39Page - Infineon Technologies AG TLE5012 Datasheet HTML 40Page - Infineon Technologies AG TLE5012 Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
37
V 1.0, 2010-11
Angle Value Register
AS_VEC_XY
6
w
Activation of X,Yout of limit Check
0B
monitoring of X,Y out of limit disabled
1B
monitoring of X,Y out of limit enabled
Reset: 1B
AS_OV
5
w
Enable of DSPU Overflow Check
0B
monitoring of DSPU Overflow disabled
1B
monitoring of DSPU Overflow enabled
Reset: 1B
AS_DSPU
4
w
Activation DSPU BIST
0B
after execution
1B
activation of DSPU BIST or BIST running
Reset: 1B
AS_FUSE
3
w
Activation Fuse CRC
0B
monitoring of Fuse CRC disabled
1B
monitoring of Fuse CRC enabled
Reset: 1B
AS_VR
2
w
Enable Voltage Regulator Check
0B
check of regulator voltages disabled
1B
check of regulator voltages enabled
Reset: 1B
AS_WD
1
w
Enable DSPU Watchdog-HW-Reset
0B
DSPU Watchdog monitoring disabled
1B
DSPU Watchdog monitoring enabled
Reset: 1B
AS_RST
0
w
Activation of Hardware Reset
Activation occurs after CSQ switches from ’0’ to ’1’ after
SSC transfer.
0B
after execution
1B
activation of HW Reset
Reset: 0B
AVAL
Offset
Reset Value
Angle Value Register
02
H
8000
H
Field
Bits
Type
Description
15
8
7
0
15
15
r
RD_AV
14
ru
ANG_VAL
7
0
ru
ANG_VAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com