Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG TLE5012 Datasheet HTML 35Page - Infineon Technologies AG TLE5012 Datasheet HTML 36Page - Infineon Technologies AG TLE5012 Datasheet HTML 37Page - Infineon Technologies AG TLE5012 Datasheet HTML 38Page - Infineon Technologies AG TLE5012 Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
35
V 1.0, 2010-11
S_ADCT
9
ru
Status ADC-Test
1)
Check of signal path with test vectors. All test vectors at
startup tested. Activation in operation via AS_ADCT
possible.
0B
Test vectors OK
1B
Test vectors out of limit
Reset: 0B
S_MAGOL
7
ru
Status Magnitude Out of Limit
1)
Cyclic check of available magnetic field strength.
Deactivation via AS_VEC_MAG.
0B
GMR-magnitude OK
1B
GMR-magnitude out of limit
Reset: 0B
S_XYOL
6
ru
Status X,Y Data Out of Limit
1)
Cylcic check of X and Y raw values. Deactivation via
AS_VEC_XY
0B
X,Y data OK
1B
X,Y data out of limit (>23230 digits)
Reset: 0B
S_OV
5
ru
Status Overflow
1)
Cyclic check of DSPU overflow. Deactivation via AS_OV.
0B
No DSPU overflow occurred
1B
DSPU overflow occurred
Reset: 0B
S_DSPU
4
ru
Status Digital Signal Processing Unit
Check of DSPU, CORDIC and CAPCOM at startup.
Activation in operation via AS_DSPU possible.
0B
DSPU self-test OK
1B
DSPU self-test not OK, or self-test is running
Reset: 0B
S_FUSE
3
ru
Status Fuse CRC
1)
Cyclic CRC check of laser-cut-fuses. Deactivation via
AS_FUSE and disabled by activated autocalibration.
Note: Changing of fused parameters results in new CRC,
which differs from stored CRC --> Fuse CRC fail
0B
Fuse CRC OK
1B
Fuse CRC fail
Reset: 0B
S_VR
2
ru
Status Voltage Regulator
1)
Permanent check of internal and external supply
voltages. Deactivation via AS_VR
0B
Voltages OK
1B
VDD overvoltage; VDD undervoltage; VDD-off; GND-
off; or VOVG; VOVA; VOVD too high
Reset: 0B
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com