Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 10Page - Infineon Technologies AG TLE5012 Datasheet HTML 11Page - Infineon Technologies AG TLE5012 Datasheet HTML 12Page - Infineon Technologies AG TLE5012 Datasheet HTML 13Page - Infineon Technologies AG TLE5012 Datasheet HTML 14Page - Infineon Technologies AG TLE5012 Datasheet HTML 15Page - Infineon Technologies AG TLE5012 Datasheet HTML 16Page - Infineon Technologies AG TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
TLE5012
Functional Description
Final Data Sheet
14
V 1.0, 2010-11
2.5.4
Digital Signal Processing Unit
The Digital Signal Processing Unit (DSPU) contains the:
•
C
apture Compare Unit (CCU), which is used to generate the PWM signal
•
CO
ordinate Rotation DIgital Computer (CORDIC), which contains the trigonometric function for angle
calculation
•
Fuses, which contain the calibration parameters
2.5.5
Interfaces
Different Interfaces can be selected:
•
SSC Interface
•PWM
•
Incremental Interface
•
Hall Switch Mode
2.5.6
Safety Features
The TLE5012 offers a multiplicity of safety features to support Safety Integrity Level (SIL). Sensors with this
performance are identified by the following logo:
Figure 5
PRO-SIL
TM Logo
Safety features are:
•
Test vectors switchable to ADC input
•
Inversion or combination of filter input streams
•
Data transmission check via 8-bit Cyclic Redundancy Check (CRC)
•
Self-test routines
•
Two independent active interfaces possible
•
Overvoltage and undervoltage detection
Disclaimer
PRO-SIL™ is a Registered Trademark of Infineon Technologies AG.
The PRO-SIL™ Trademark designates Infineon products which contain SIL Supporting Features.
SIL Supporting Features are intended to support the overall System Design to reach the desired SIL (according
to IEC61508) or A-SIL (according to ISO26262) level for the high efficiency Safety System.
SIL respectively A-SIL certification for such a system has to be reached on system level by the System
Responsible at an accredited Certification Authority.
SIL stands for Safety Integrity Level (according to IEC 61508)
A-SIL stands for Automotive-Safety Integrity Level (according to ISO 26262)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com