Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 24Page - Infineon Technologies AG TLE5012 Datasheet HTML 25Page - Infineon Technologies AG TLE5012 Datasheet HTML 26Page - Infineon Technologies AG TLE5012 Datasheet HTML 27Page - Infineon Technologies AG TLE5012 Datasheet HTML 28Page - Infineon Technologies AG TLE5012 Datasheet HTML 29Page - Infineon Technologies AG TLE5012 Datasheet HTML 30Page - Infineon Technologies AG TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
28
V 1.0, 2010-11
Another possibility is a 3-pin SSC Interface with bidirectional open-drain data line, serial clock signal, and chip
select. This setup is designed to communicate with a microcontroller in a bus system, together with other SSC
slaves (e.g. two TLE5012 devices for redundancy reasons). This mode can be activated using bit SSC_OD.
Figure 16
SSC configuration in sensor-slave mode and open drain (safe bus systems)
3.5.1.1
SSC Timing Definition
Figure 17
SSC timing
SSC Inactive Time (CS
off)
The SSC inactive time defines the delay time after a transfer before the TLE5012 can be selected again.
Table 13
SSC push-pull timing specification
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
SSC baud rate
fSSC
-
8.0
-
Mbit/s 1)
CSQ setup time
tCSs
105
-
-
ns
1)
SSC Communication
for Bus Data Transmission between one or more TLE5012 and µC
Shift Reg.
Shift Reg.
Clock Gen.
DATA
SCK
SCK
(SSC Slave) TLE 5012
µC (SSC Master)
CSQ
CSQ
*)
*)
*)
*)
typ. 1kΩ
*) optional , e.g. 100 Ω
MRST
MTSR
SCK
tCSs
tSCKp
tSCKh
tCSh
CSQ
tSCKl
tCSoff
tDATAs
DATA
tDATAh
tSCKoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com