Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 6Page - Infineon Technologies AG TLE5012 Datasheet HTML 7Page - Infineon Technologies AG TLE5012 Datasheet HTML 8Page - Infineon Technologies AG TLE5012 Datasheet HTML 9Page - Infineon Technologies AG TLE5012 Datasheet HTML 10Page - Infineon Technologies AG TLE5012 Datasheet HTML 11Page - Infineon Technologies AG TLE5012 Datasheet HTML 12Page - Infineon Technologies AG TLE5012 Datasheet HTML 13Page - Infineon Technologies AG TLE5012 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
TLE5012
Functional Description
Final Data Sheet
10
V 1.0, 2010-11
2
Functional Description
2.1
General
The GMR sensor uses vertical integration. This means that the GMR-sensitive areas are integrated above the
logic portion of the TLE5012 device. These GMR elements change their resistance depending on the direction of
the magnetic field.
Four individual GMR elements are connected to one Wheatstone sensor bridge. These GMR elements sense one
of two components of the applied magnetic field:
•
X component, Vx (cosine) or the
•
Y component, Vy (sine)
The advantage of a full-bridge structure is that the amplitude of the GMR signal is doubled and temperature effects
cancel out each other.
Figure 1
Sensitive bridges of the GMR sensor
Note: In Figure 1, the arrows in the resistors represent the magnetic direction which is fixed in the Reference
Layer. If the external magnetic field is parallel to the direction of the Reference Layer, the resistance is
minimal. If they are anti-parallel, resistance is maximal.
The output signal of each bridge is only unambiguous over 180° between two maxima. Therefore two bridges are
oriented orthogonally to each other to measure 360°.
With the trigonometric function ARCTAN, the true 360° angle value can be calculated, based on the relationship
of X and Y signals.
Because only the relative values influence the result, the absolute magnitude of the two signals is of minor
importance. Therefore, it is possible to compensate for most external influences on the amplitudes.
VDD
GND
ADCX+
GMR Resistors
ADCX-ADCY+ADCY-
VX
VY
0°
N
S
90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com