Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 39Page - Infineon Technologies AG TLE5012 Datasheet HTML 40Page - Infineon Technologies AG TLE5012 Datasheet HTML 41Page - Infineon Technologies AG TLE5012 Datasheet HTML 42Page - Infineon Technologies AG TLE5012 Datasheet HTML 43Page - Infineon Technologies AG TLE5012 Datasheet HTML 44Page - Infineon Technologies AG TLE5012 Datasheet HTML 45Page - Infineon Technologies AG TLE5012 Datasheet HTML 46Page - Infineon Technologies AG TLE5012 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
43
V 1.0, 2010-11
Interface Mode3 Register
ANG_DIR
3
w
Angle Direction
0B
counterclockwise rotation of magnet
1B
clockwise rotation of magnet
Reset: 0B
PREDICT
2
w
Prediction
0B
prediction disabled
1B
prediction enabled (default within TLE5012-E0318
and TLE5012-E0742)
Reset: 0B
AUTOCAL
1:0
w
Autocalibration Mode
Autocalibration modes are described on Page 23.
00B no autocalibration
01B autocalibration mode 1 (default within TLE5012-
E0318 and TLE5012-E0742)
10B autocalibration mode 2
11B autocalibration mode 3
Reset: 00B
MOD_3
Offset
Reset Value
Interface Mode3 Register
09
H
0000
H
Field
Bits
Type
Description
ANG_BASE
15:4
w
Angle Base
800H -180°
000H 0°
001H 0.0879°
7FFH +179.912°
Reset: 000H
SPIKEF
3
w
Analog Spike Filters of Input Pads
0B
spike filter disabled
1B
spike filter enabled
Reset: 0B
Field
Bits
Type
Description
15
8
7
0
15
w
ANG_BASE
74
w
ANG_BASE
33
w
SPIKEF
22
Res
10
w
PAD_DRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com