Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 13Page - Infineon Technologies AG TLE5012 Datasheet HTML 14Page - Infineon Technologies AG TLE5012 Datasheet HTML 15Page - Infineon Technologies AG TLE5012 Datasheet HTML 16Page - Infineon Technologies AG TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
17
V 1.0, 2010-11
The TLE5012 Exxxx can be configured with PWM only (Figure 9). This is not possible with the Standard TLE5012
type.1)
Figure 9
Application circuit for TLE5012 with only PWM Interface (using internal CLK)
1) For more information, please contact Infineon
100n
IFA (PWM)
IFB
GND
DATA
CSQ
SCK
CLK
VDD (3.0 – 5.5V)
10 kΩ
1 kΩ
10 kΩ
DATA and IFB could remain
open or connected via 10 kΩ
resistor to GND .
X
GMR
Y
GMR
SD-
ADC
SD-
ADC
Digital
Signal
Processing
Unit
VRG
VRA
VRD
SSC
Interface
Fuses
Cordic
PLL
TLE5012
SD-
ADC
Incremental IF
PWM
HSM
Osc
Temp
CCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com