Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 4Page - Infineon Technologies AG TLE5012 Datasheet HTML 5Page - Infineon Technologies AG TLE5012 Datasheet HTML 6Page - Infineon Technologies AG TLE5012 Datasheet HTML 7Page - Infineon Technologies AG TLE5012 Datasheet HTML 8Page - Infineon Technologies AG TLE5012 Datasheet HTML 9Page - Infineon Technologies AG TLE5012 Datasheet HTML 10Page - Infineon Technologies AG TLE5012 Datasheet HTML 11Page - Infineon Technologies AG TLE5012 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Product Type
Marking
Ordering Code
Package
TLE5012
5012
SP000477068
PG-DSO-8
TLE5012-E0318
5012E03
SP000611246
PG-DSO-8
TLE5012-E0742
5012E07
SP000611250
PG-DSO-8
TLE5012
Final Data Sheet
8
V 1.0, 2010-11
1
Product Description
1.1
Overview
The TLE5012 is a 360° angle sensor that detects the orientation of a
magnetic field by measuring sine and cosine angle components with
monolithic integrated Giant Magneto Resistance (iGMR) elements.
Highly precise angle values are maintained at various temperatures
throughout the device’s lifetime using an internal autocalibration
algorithm.
Data
communications
are
accomplished
with
a
bi-directional
Synchronous Serial (SSC)-Interface that is Serial Peripheral Interface (SPI)-compatible.
The absolute angle value and other values are transmitted via SSC or via a Pulse-Width Modulation (PWM)
protocol. The sine and cosine raw values can also be read out. These raw signals are digitally processed internally
to calculate the angle orientation of the magnetic field (magnet).
The TLE5012 is a precalibrated sensor. The calibration parameters are stored in laser fuses. At start-up, the
values of the fuses are written into flip-flops, where these values can be changed by the application-specific
parameters. The TLE5012-E0318 and TLE5012-E0742 are especially configured in a Hall-Switch emulation mode
for motors with three or seven pole pairs.
Online diagnostic functions are provided to ensure reliable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com