Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 16Page - Infineon Technologies AG TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG TLE5012 Datasheet HTML 21Page - Infineon Technologies AG TLE5012 Datasheet HTML 22Page - Infineon Technologies AG TLE5012 Datasheet HTML 23Page - Infineon Technologies AG TLE5012 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
20
V 1.0, 2010-11
Calculation of the Junction Temperature
The total power dissipation PTOT of the chip increases its temperature above the ambient temperature.
The power multiplied by the total thermal resistance RthJA (Junction to Ambient) leads to the final junction
temperature. RthJA is the sum of the addition of the values of the two components Junction to Case and Case to
Ambient.
(1)
Example (assuming no load on Vout):
(2)
For molded sensors, the calculation with RthJC is more appropriate.
3.4
Characteristics
3.4.1
Electrical Parameters
The indicated electrical parameters apply to the full operating range, unless otherwise specified. The typical values
correspond to a supply voltage VDD = 5.0 V and 25 °C, unless individually specified. All other values correspond
to -40 °C < TJ < 150°C.
Table 4
Electrical parameters
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply current
IDD
-14
16
mA
POR level
VPOR
2.0
-
2.9
V
Power-On Reset
POR hysteresis1)
1) Not subject to production test - verified by design/characterization
VPORhy
-30
-
mV
Pull-Up current
IPU
-10
-
-225
µA
CSQ
-10
-
-150
µA
DATA
Pull-Down current
IPD
10
-
225
µA
SCK
10
-
150
µA
CLK, IFA, IFB
Power-on time
tPon
-5
7
ms
VDD > VDDmin2)
2) Within “Power-On Time,” write access is not permitted
)
(
OUT
OUT
DD
DD
thJA
TOT
thJA
A
J
thCA
thJC
thJA
I
V
I
V
R
P
R
T
T
T
T
R
R
R
×
+
×
×
=
×
=
Δ
Δ
+
=
+
=
(IDD, IOUT > 0, if direction is into IC)
[]
[] [ ]
()
K
VA
A
V
W
K
T
mA
I
V
V
DD
DD
5
.
10
0
014
.
0
5
150
14
5
=
+
×
×
⎥⎦
⎤
⎢⎣
⎡
=
Δ
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com