Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 51Page - Infineon Technologies AG TLE5012 Datasheet HTML 52Page - Infineon Technologies AG TLE5012 Datasheet HTML 53Page - Infineon Technologies AG TLE5012 Datasheet HTML 54Page - Infineon Technologies AG TLE5012 Datasheet HTML 55Page - Infineon Technologies AG TLE5012 Datasheet HTML 56Page - Infineon Technologies AG TLE5012 Datasheet HTML 57Page - Infineon Technologies AG TLE5012 Datasheet HTML 58Page - Infineon Technologies AG TLE5012 Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
55
V 1.0, 2010-11
Figure 24
HS hysteresis
3.5.4
Incremental Interface
The Incremental Interface (IIF) uses an up/down counter of a microcontroller for the angle transmission. The
synchronization is done by the parallel active SSC Interface. The angle value read out by the SSC Interface can
be compared to the stored counter value. In case of a non-synchronization, the microcontroller adds the difference
to the actual counter value to synchronize the TLE5012 with the microcontroller. The resolution of the IIF can be
selected within the interface mode4 register (MOD_4) under IFAB_RES.
After startup, the IIF pulses out the actual absolute angle value to notify the microcontroller about the absolute
position.
In register MOD_1 the IIF can be set in A/B mode or Step/Direction mode (IIF_MOD).
A/B Mode
The phase shift between phase A and B indicates a clockwise (A follows B) or a counterclockwise (B follows A)
rotation of the magnet.
Step/Direction Mode
Phase A pulses out the increments and phase B indicates the direction (Figure 25).
Figure 25
Incremental Interface with Step/Direction mode
Ideal Switching Point
αelect
αHShystel
αHShystel
αelect
0°
0
1
2
3
4
3
2
1
Step
Direction
Counter Value
Incremental
Interface
(Step/ Dir Mode)
VH
VL
VH
VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com