Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 30Page - Infineon Technologies AG TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG TLE5012 Datasheet HTML 35Page - Infineon Technologies AG TLE5012 Datasheet HTML 36Page - Infineon Technologies AG TLE5012 Datasheet HTML 37Page - Infineon Technologies AG TLE5012 Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
34
V 1.0, 2010-11
3.5.1.3.1
TLE5012 Register
Status Register
STAT
Offset
Reset Value
Status Register
00
H
8001
H
Field
Bits
Type
Description
RD_ST
15
r
Read Status
0B
status values not changed since last readout
1B
status values changed
Reset: 1B
S_NR
14:13
w
Slave Number
is given at startup by the external circuit of IFA and IFB
and can be changed via SSC-IF
Reset: 00B
NO_GMR_A
12
ru
No valid GMR Angle Value
Cyclic check of DSPU output.
0B
valid GMR angle value on the interface
1B
no valid GMR angle value on the interface (e.g test
vectors)
Reset: 0B
NO_GMR_XY
11
ru
No valid GMR XY Values
Cyclic check of ADC input.
0B
valid GMR_XY values on the ADC input
1B
no valid GMR_XY values on the ADC input (e.g.
test vectors)
Reset: 0B
S_ROM
10
r
Status ROM
1)
Check of ROM-CRC at startup. After fail DSPU does not
start. SPI access possible.
0B
CRC OK
1B
CRC fail or running
Reset: 0B
15
8
7
0
15
15
r
RD_ST
14
13
w
S_NR
12
12
ru
NO_GMR_
A
11
11
ru
NO_GMR_
XY
10
10
r
S_ROM
99
ru
S_ADCT
88
Res
77
ru
S_MAGOL
66
ru
S_XYOL
55
ru
S_OV
44
ru
S_DSPU
33
ru
S_FUSE
22
ru
S_VR
11
ru
S_WD
00
ru
S_RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com