Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 42Page - Infineon Technologies AG TLE5012 Datasheet HTML 43Page - Infineon Technologies AG TLE5012 Datasheet HTML 44Page - Infineon Technologies AG TLE5012 Datasheet HTML 45Page - Infineon Technologies AG TLE5012 Datasheet HTML 46Page - Infineon Technologies AG TLE5012 Datasheet HTML 47Page - Infineon Technologies AG TLE5012 Datasheet HTML 48Page - Infineon Technologies AG TLE5012 Datasheet HTML 49Page - Infineon Technologies AG TLE5012 Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
46
V 1.0, 2010-11
IFAB Register
IFAB
Offset
Reset Value
IFAB Register
0D
H
0003
H
Field
Bits
Type
Description
ORTHO
15:4
w
Orthogonality Correction of X and Y Components
+2047D 11.2445°
0D
0°
-2048D -11.2500°
Reset: 0H
IFAB_OD
2
w
IFA & IFB Open Drain
0B
Push-pull
1B
Open drain (default within TLE5012-E0318 and
TLE5012-E0742)
Reset: 0B
IFAB_HYST
1:0
w
HSM Hysteresis
00B 0°
01B 0.09°
10B 0.27°
11B 0.625°
Reset: 11B
15
8
7
0
15
w
ORTHO
74
w
ORTHO
33
Res
22
w
IFAB_OD
10
w
IFAB_HYST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com