Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 49Page - Infineon Technologies AG TLE5012 Datasheet HTML 50Page - Infineon Technologies AG TLE5012 Datasheet HTML 51Page - Infineon Technologies AG TLE5012 Datasheet HTML 52Page - Infineon Technologies AG TLE5012 Datasheet HTML 53Page - Infineon Technologies AG TLE5012 Datasheet HTML 54Page - Infineon Technologies AG TLE5012 Datasheet HTML 55Page - Infineon Technologies AG TLE5012 Datasheet HTML 56Page - Infineon Technologies AG TLE5012 Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
53
V 1.0, 2010-11
3.5.3
Hall Switch Mode
The Hall Switch Mode (HSM) within the TLE5012 makes it possible to emulate the output of three Hall switches.
Hall switches are often used in electrical commutated motors to get information about the rotor position. With these
three output signals, the motor will be commutated in the right way. Depending on which pole pairs of the rotor are
used, various electrical periods have to be utilized. This is selectable within 0EH (HSM_PLP). Within the TLE5012-
E0318 three pole pairs are fused; within the TLE5012-E0742, seven pole pairs are fused. Figure 23 depicts the
three output signals with the relationship between electrical angle and mechanical angle. The mechanical 0° point
is always used as a reference.
The HSM is generally used with open-drain output, but it can be changed to push-pull within SSC_OD and
IFAB_OD.
Figure 23
Hall Switch Mode
The HSM Interface can be selected by connecting CLK to GND, and CSQ has to be logic “1”.
Table 23
Hall Switch Mode
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Rotation speed
n
-
-
10000
rpm
2)
HS1
HS2
HS3
0°
Electrical Angle
60°
120°
180°
240°
300°
360°
Hall-Switch-Mode: 3phase Generation
Angle
Mech. Angle with
8 Pole Pairs
0°
7.5°
15°
22.5°
30°
37.5°
45°
0°
20°
40°
60°
80°
100°
120°
Mech. Angle with
3 Pole Pairs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com