Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG TLE5012 Datasheet HTML 34Page - Infineon Technologies AG TLE5012 Datasheet HTML 35Page - Infineon Technologies AG TLE5012 Datasheet HTML 36Page - Infineon Technologies AG TLE5012 Datasheet HTML 37Page - Infineon Technologies AG TLE5012 Datasheet HTML 38Page - Infineon Technologies AG TLE5012 Datasheet HTML 39Page - Infineon Technologies AG TLE5012 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
36
V 1.0, 2010-11
Activation Status Register
S_WD
1
ru
Status Watchdog
Permanent check of watchdog. After overflow, a reset is
necessary. Deactivation via AS_WD
0B
after chip reset
1B
watchdog counter expired (DSPU stop), AS_RST
must be activated
Reset: 0B
S_RST
0
ru
Status Reset
Permanent check of any reset. Deactivation via AS_RST.
0B
no reset since last readout
1B
indication of power-up, short power-break or active
reset
Reset: 1B
1) Reset to “0” after readout
ACSTAT
Offset
Reset Value
Activation Status Register
01
H
5EFE
H
Field
Bits
Type
Description
Res
15:10
w
Reserved
Reset: 010111B
AS_ADCT
9
w
Enable ADC Testvector Check
0B
after execution
1B
activation of ADC Testvector Check
Reset: 1B
AS_VEC_MAG
7
w
Activation of Magnitude Check
0B
monitoring of magnitude disabled
1B
monitoring of magnitude enabled
Reset: 1B
Field
Bits
Type
Description
15
8
7
0
15
10
w
Res
99
w
AS_ADCT
88
Res
77
w
AS_VEC_
MAG
66
w
AS_VEC_
XY
55
w
AS_OV
44
w
AS_DSPU
33
w
AS_FUSE
22
w
AS_VR
11
w
AS_WD
00
w
AS_RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com