Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 56Page - Infineon Technologies AG TLE5012 Datasheet HTML 57Page - Infineon Technologies AG TLE5012 Datasheet HTML 58Page - Infineon Technologies AG TLE5012 Datasheet HTML 59Page - Infineon Technologies AG TLE5012 Datasheet HTML 60Page - Infineon Technologies AG TLE5012 Datasheet HTML 61Page - Infineon Technologies AG TLE5012 Datasheet HTML 62Page - Infineon Technologies AG TLE5012 Datasheet HTML 63Page - Infineon Technologies AG TLE5012 Datasheet HTML 64Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
TLE5012
Package Information
Final Data Sheet
61
V 1.0, 2010-11
4
Package Information
4.1
Package Parameters
4.2
Package Outline
Figure 32
PG-DSO-8 package dimensions
Table 29
Package parameters
Parameter
Symbol Limit Values
Unit
Notes
min.
typ. max.
Thermal resistance
RthJA
-
150 200
K/W
Junction to air1)
1) According to Jedec JESD51-7
RthJC
-
-
75
K/W
Junction to case
RthJL
-
-
85
K/W
Junction to lead
Soldering moisture level
MSL 3
260°C
Lead frame
Cu
Plating
Sn 100%
> 7 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com