Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 25Page - Infineon Technologies AG TLE5012 Datasheet HTML 26Page - Infineon Technologies AG TLE5012 Datasheet HTML 27Page - Infineon Technologies AG TLE5012 Datasheet HTML 28Page - Infineon Technologies AG TLE5012 Datasheet HTML 29Page - Infineon Technologies AG TLE5012 Datasheet HTML 30Page - Infineon Technologies AG TLE5012 Datasheet HTML 31Page - Infineon Technologies AG TLE5012 Datasheet HTML 32Page - Infineon Technologies AG TLE5012 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
29
V 1.0, 2010-11
CSQ hold time
tCSh
105
-
-
ns
1)
CSQ off
tCSoff
600
-
-
ns
SSC inactive time1)
SCK period
tSCKp
120
125
-
ns
1)
SCK high
tSCKh
40
-
-
ns
1)
SCK low
tSCKl
30
-
-
ns
1)
DATA setup time
tDATAs
25
-
-
ns
1)
DATA hold time
tDATAh
40
-
-
ns
1)
Write read delay
twr_delay
130
-
-
ns
1)
SCK off
tSCKoff
170
-
-
ns
1)
1) Not subject to production test - verified by design/characterization
Table 14
SSC open-drain timing specification
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
SSC baud rate
fSSC
-
2.0
-
Mbit/s Pull-up Resistor = 1kΩ1)
1) Not subject to production test - verified by design/characterization
CSQ setup time
tCSs
300
-
-
ns
1)
CSQ hold time
tCSh
400
-
-
ns
1)
CSQ off
tCSoff
600
-
-
ns
SSC inactive time1)
SCK period
tSCKp
500
-
-
ns
1)
SCK high
tSCKh
-190
-
ns
1)
SCK low
tSCKl
-190
-
ns
1)
DATA setup time
tDATAs
25
-
-
ns
1)
DATA hold time
tDATAh
40
-
-
ns
1)
Write read delay
twr_delay
130
-
-
ns
1)
SCK off
tSCKoff
170
-
-
ns
1)
Table 13
SSC push-pull timing specification
(cont’d)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com