Electronic Components Datasheet Search
  English  ▼

X  

TLE5012 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE5012
Description  GMR-Based Angular Sensor for Rotor-Position Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE5012 Datasheet HTML 12Page - Infineon Technologies AG TLE5012 Datasheet HTML 13Page - Infineon Technologies AG TLE5012 Datasheet HTML 14Page - Infineon Technologies AG TLE5012 Datasheet HTML 15Page - Infineon Technologies AG TLE5012 Datasheet HTML 16Page - Infineon Technologies AG TLE5012 Datasheet HTML 17Page - Infineon Technologies AG TLE5012 Datasheet HTML 18Page - Infineon Technologies AG TLE5012 Datasheet HTML 19Page - Infineon Technologies AG TLE5012 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
TLE5012
Specifications
Final Data Sheet
16
V 1.0, 2010-11
Figure 7
Application circuit for TLE5012 with HS Mode (using internal CLK)
Figure 7
shows a basic block-diagram of the TLE5012 in the Hall Switch Mode. This interface is selectable by
connecting CLK to GND and CSQ to VDD. In addition to the HSM, the SSC Interface can be used by pulling CSQ
to GND. Within the SSC Interface, the HSM is selectable between push-pull and open drain.
Figure 8
Application circuit for TLE5012 with SSC Interface and IIF (using external CLK)
Figure 8
shows a basic block diagram of an angle sensor system using a TLE5012 and a microcontroller for rotor-
positioning applications. The interface configuration depicted is needed for high-speed applications such as
electrical commutated motor drives. It is possible to connect the TLE5012 to a microcontroller via the Incremental
Interface, and for safety reasons also via the SSC Interface.
100n
IFA (HS1)
IFB (HS2)
GND
DATA (HS3)
CSQ
SCK
CLK
VDD (3.0 – 5.5V)
*)
*) recommended , e.g. 2. 2 kΩ
*)
*)
X
GMR
Y
GMR
SD-
ADC
SD-
ADC
Digital
Signal
Processing
Unit
VRG
VRA
VRD
SSC
Interface
Fuses
Cordic
PLL
TLE5012
SD-
ADC
Incremental IF
PWM
HSM
Osc
Temp
CCU
100 n
IFA (IIF_A)
IFB (IIF_B)
GND
DATA
CSQ
SCK
CLK
SSC
PLL
X
GMR
Y
GMR
SD-
ADC
SD-
ADC
Digital
Signal
Processing
Unit
VRG
VRA
VRD
SSC
Interface
Fuses
Cordic
PLL
VDD (3.0 – 5.5V)
TLE5012
µC
SD-
ADC
Incremental IF
PWM
HSM
Osc
Temp
CCU
CCU
*)
*) recommended , e.g. 470 Ω
**) connected to V DD for use of internal CLK
***) connected to microcontroller for use of external CLK
***)
**)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com