Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 131 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 131 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 127Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 128Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 129Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 130Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 131Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 132Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 133Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 134Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 135Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
130
March 06 , 2012
Rev. 1.50
131
March 06 , 2012
Enhanced Type TM – ETM
The Enhanced Type TM contains five operating modes, which are Compare Match Output, Timer/
Event Counter, Capture Input, Single Pulse Output and PWM Output modes. The Enhanced TM can
also be controlled with an external input pin and can drive three or four external output pins.
CTM
Name
TM No.
TM Input Pin
TM Output Pin
HT67F30
10-bit ETM
1
TCK1
TP1A; TP1B_0, TP1B_1
HT67F40
10-bit ETM
1
TCK1
TP1A, TP1B_0, TP1B_1, TP1B_2
HT67F50
10-bit ETM
1
TCK1
TP1A, TP1B_0, TP1B_1, TP1B_2
HT67F60
10-bit ETM
1
TCK1
TP1A, TP1B_0, TP1B_1, TP1B_2
Enhanced TM Operation
At its core is a 10-bit count-up/count-down counter which is driven by a user selectable internal or
external clock source. There are three internal comparators with the names, Comparator A,
Comparator B and Comparator P. These comparators will compare the value in the counter with the
CCRA, CCRB and CCRP registers. The CCRP comparator is 3-bits wide whose value is compared
with the highest 3-bits in the counter while CCRA and CCRB are 10-bits wide and therefore
compared with all counter bits.
The only way of changing the value of the 10-bit counter using the application program, is to clear
the counter by changing the TnON bit from low to high. The counter will also be cleared
automatically by a counter overflow or a compare match with one of its associated comparators.
When these conditions occur, a TM interrupt signal will also usually be generated. The Enhanced
Type TM can operate in a number of different operational modes, can be driven by different clock
sources including an input pin and can also control output pins. All operating setup conditions are
selected using relevant internal registers.
CCRP
CCRA
Tn CC LR
Co mp ar at or P M at ch
Co mp ar at or A Ma tc h
Tn CK 2~ Tn CK 0
Tn ON
Tn PAU
b7 ~b 9
3- bi t Co m par at or P
10 -b it
Co mp ar at or A
Co unt er
Cl ea r
10 -b it Up /D ow n Co unt er
Tn PF I nt e rru pt
Tn AF
In te rru pt
TP nA P in
I npu t/ Ou tp u t
b0 ~b 9
E dge
De te ct or
Tn AI O1 , Tn AI O0
Tn AM 1, T nA M0
Tn AI O1 , Tn AI O0
Tn APO L
Tn AO C
Po la ri ty
Co nt ro l
Ou tp u t
Co nt ro l
TP nA
TC Kn
11 1
00 0
00 1
01 0
01 1
10 0
10 1
11 0
f SYS /4
f SYS
f H /1 6
f H /6 4
f TB C
Re se rv ed
Tn BF
In te rru pt
TP nB P in
I npu t/ Ou tp u t
Tn BM 1, T nB M0
Tn BI O1 , Tn BI O0
Tn BPO L
Tn BO C
Po la ri ty
Co nt ro l
Ou tp u t
Co nt ro l
CCRB
Co mp ar at or B Ma tc h
10 -b it
Co mp ar at or B
E dge
De te ct or
Tn IO 1, T nI O0
TP nB -0
TP nB -1
TP nB -2
0
1
Enhanced Type TM Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com