Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 135 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 135 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 131Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 132Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 133Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 134Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 135Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 136Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 139Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
134
March 06 , 2012
Rev. 1.50
135
March 06 , 2012
compare match occurs from the Comparator A. When the bit is low, the counter will
be cleared when a compare match occurs from the Comparator P or with a counter
overflow. A counter overflow clearing method can only be implemented if the CCRP
bits are all cleared to zero. The T1CCLR bit is not used in the Single Pulse or Input
Capture Mode.
●
TM1C2 Register - 10-bit ETM
Bit
7
6
5
4
3
2
1
0
Name
T1BM1
T1BM0
T1BIO1
T1BIO0
T1BOC
T1BPOL T1PWM1 T1PWM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~6
T1BM1~T1BM0: Select TM1 CCRB Operating Mode
00: Compare Match Output Mode
01: Capture Input Mode
10: PWM Mode or Single Pulse Output Mode
11: Timer/Counter mode
These bits setup the required operating mode for the TM. To ensure reliable operation
the TM should be switched off before any changes are made to the T1BM1 and
T1BM0 bits. In the Timer/Counter Mode, the TM output pin control must be disabled.
Bit 5~4
T1BIO1~T1BIO0: Select TP1B_0, TP1B_1, TP1B_2 output function
Compare Match Output Mode
00: No change
01: Output low
10: Output high
11: Toggle output
PWM Mode/Single Pulse Output Mode
00: PWM Output inactive state
01: PWM Output active state
10: PWM output
11: Single pulse output
Capture Input Mode
00: Input capture at rising edge of TP1B_0, TP1B_1, TP1B_2
01: Input capture at falling edge of TP1B_0, TP1B_1, TP1B_2
10: Input capture at falling/rising edge of TP1B_0, TP1B_1, TP1B_2
11: Input capture disabled
Timer/counter Mode
Unused
These two bits are used to determine how the TM output pin changes state when a
certain condition is reached. The function that these bits select depends upon in which
mode the TM is running.
In the Compare Match Output Mode, the T1BIO1 and T1BIO0 bits determine how the
TM output pin changes state when a compare match occurs from the Comparator A.
The TM output pin can be setup to switch high, switch low or to toggle its present
state when a compare match occurs from the Comparator A. When the bits are both
zero, then no change will take place on the output. The initial value of the TM output
pin should be setup using the T1BOC bit in the TM1C2 register. Note that the output
level requested by the T1BIO1 and T1BIO0 bits must be different from the initial
value setup using the T1BOC bit otherwise no change will occur on the TM output pin
when a compare match occurs. After the TM output pin changes state it can be reset to
its initial level by changing the level of the T1ON bit from low to high.
In the PWM Mode, the T1BIO1 and T1BIO0 bits determine how the TM output pin
changes state when a certain compare match condition occurs. The PWM output
function is modified by changing these two bits. It is necessary to only change the
value of the T1BIO1 and T1BIO0 bits only after the TM has been switched off.
Unpredictable PWM outputs will occur if the T1BIO1 and T1BIO0 bits are changed
when the TM is running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com