Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 138 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 138 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 134Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 135Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 136Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 141Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 142Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 242 page
background image
Rev. 1.50
138
March 06 , 2012
Rev. 1.50
139
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Compare Output Mode
To select this mode, bits TnAM1, TnAM0 and TnBM1, TnBM0 in the TMnC1/TMnC2 registers
should be all cleared to zero. In this mode once the counter is enabled and running it can be cleared
by three methods. These are a counter overflow, a compare match from Comparator A and a compare
match from Comparator P. When the TnCCLR bit is low, there are two ways in which the counter
can be cleared. One is when a compare match occurs from Comparator P, the other is when the
CCRP bits are all zero which allows the counter to overflow. Here both the TnAF and TnPF interrupt
request flags for Comparator A and Comparator P respectively, will both be generated.
If the TnCCLR bit in the TMnC1 register is high then the counter will be cleared when a compare
match occurs from Comparator A. However, here only the TnAF interrupt request flag will be
generated even if the value of the CCRP bits is less than that of the CCRA registers. Therefore when
TnCCLR is high no TnPF interrupt request flag will be generated.
As the name of the mode suggests, after a comparison is made, the TM output pin, will change state.
The TM output pin condition however only changes state when an TnAF or TnBF interrupt request
flag is generated after a compare match occurs from Comparator A or Comparator B. The TnPF
interrupt request flag, generated from a compare match from Comparator P, will have no effect on
the TM output pin. The way in which the TM output pin changes state is determined by the condition
of the TnAIO1 and TnAIO0 bits in the TMnC1 register for ETM CCRA, and the TnBIO1 and
TnBIO0 bits in the TMnC2 register for ETM CCRB. The TM output pin can be selected using the
TnAIO1, TnAIO0 bits (for the TPnA pin) and TnBIO1, TnBIO0 bits (for the TPnB_0, TPnB_1 or
TPnB_2 pins) to go high, to go low or to toggle from its present condition when a compare match
occurs from Comparator A or a compare match occurs from Comparator B. The initial condition of
the TM output pin, which is setup after the TnON bit changes from low to high, is setup using the
TnAOC or TnBOC bit for TPnA or TPnB_0, TPnB_1, TPnB_2 output pins. Note that if the
TnAIO1,TnAIO0 and TnBIO1, TnBIO0 bits are zero then no pin change will take place.
Counter Value
0x3FF
CCRP
CCRA
TnON
TnPAU
TnAPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TPnA O/P
Pin
Time
CCRP=0
CCRP > 0
Counter overflow
CCRP > 0
Counter cleared by CCRP value
Pause
Resume
Stop
Counter
Restart
TnCCLR = 0; TnAM [1:0] = 00
Output pin set to
initial Level Low
if TnAOC=0
Output Toggle with
TnAF flag
Note TnAIO [1:0] = 10
Active High Output select
Here TnAIO [1:0] = 11
Toggle Output select
Output not affected by TnAF
flag. Remains High until reset
by TnON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnAPOL is high
ETM CCRA Compare Match Output Mode — TnCCLR = 0
Note: 1. With TnCCLR=0 a Comparator P match will clear the counter
2. The TPnA output pin is controlled only by the TnAF flag
3. The output pin is reset to its initial state by a TnON bit rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com