Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 139 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 139 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 135Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 136Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 141Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 142Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 143Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
138
March 06 , 2012
Rev. 1.50
139
March 06 , 2012
Counter Value
0x3FF
CCRP
CCRB
TnON
TnPAU
TnBPOL
CCRP Int.
Flag TnPF
CCRB Int.
Flag TnBF
TPnB O/P
Pin
Time
CCRP=0
CCRP > 0
Counter overflow
CCRP > 0
Counter cleared by CCRP value
Pause
Resume
Stop
Counter
Restart
TnCCLR = 0; TnBM [1:0] = 00
Output pin set to
initial Level Low
if TnBOC=0
Output Toggle with
TnBF flag
Note TnBIO [1:0] = 10
Active High Output select
Here TnBIO [1:0] = 11
Toggle Output select
Output not affected by TnBF
flag. Remains High until reset
by TnON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnBPOL is high
ETM CCRB Compare Match Output Mode — TnCCLR = 0
Note: 1. With TnCCLR=0 a Comparator P match will clear the counter
2. The TPnB output pin is controlled only by the TnBF flag
3. The output pin is reset to its initial state by a TnON bit rising edge
Counter Value
0x3FF
CCRP
CCRA
TnON
TnPAU
TnAPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TPnA O/P
Pin
Time
CCRA=0
CCRA = 0
Counter overflow
CCRA > 0 Counter cleared by CCRA value
Pause
Resume
Stop
Counter Restart
TnCCLR = 1; TnAM [1:0] = 00
Output pin set to
initial Level Low
if TnAOC=0
Output Toggle with
TnAF flag
Note TnAIO [1:0] = 10
Active High Output select
Here TnAIO [1:0] = 11
Toggle Output select
Output not affected by
TnAF flag. Remains High
until reset by TnON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnAPOL is high
TnPF not
generated
No TnAF flag
generated on
CCRA overflow
Output does
not change
ETM CCRA Compare Match Output Mode — TnCCLR = 1
Note: 1. With TnCCLR=1 a Comparator A match will clear the counter
2. The TPnA output pin is controlled only by the TnAF flag
3. The TPnA output pin is reset to its initial state by a TnON bit rising edge
4. The TnPF flag is not generated when TnCCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com