Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 140 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 140 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 136Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 141Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 142Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 143Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 144Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 242 page
background image
Rev. 1.50
140
March 06 , 2012
Rev. 1.50
141
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Counter Value
0x3FF
CCRB
CCRA
TnON
TnPAU
TnBPOL
CCRB Int.
Flag TnBF
CCRA Int.
Flag TnAF
TPnB O/P
Pin
Time
CCRA=0
CCRA = 0
Counter overflow
CCRA > 0 Counter cleared by CCRA value
Pause
Resume
Stop
Counter Restart
TnCCLR = 1; TnBM [1:0] = 00
Output pin set to
initial Level Low
if TnBOC=0
Output Toggle with
TnBF flag
Note TnBIO [1:0] = 10
Active High Output select
Here TnBIO [1:0] = 11
Toggle Output select
Output not affected by
TnBF flag. Remains High
until reset by TnON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnBPOL is high
No TnAF flag
generated on
CCRA overflow
ETM CCRB Compare Match Output Mode — TnCCLR = 1
Note: 1. With TnCCLR=1 a Comparator A match will clear the counter
2. The TPnB output pin is controlled only by the TnBF flag
3. The TPnB output pin is reset to its initial state by a TnON bit rising edge
4. The TnPF flag is not generated when TnCCLR=1
Timer/Counter Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1 register should be set to 11 respectively.
The Timer/Counter Mode operates in an identical way to the Compare Match Output Mode
generating the same interrupt flags. The exception is that in the Timer/Counter Mode the TM output
pin is not used. Therefore the above description and Timing Diagrams for the Compare Match
Output Mode can be used to understand its function. As the TM output pin is not used in this mode,
the pin can be used as a normal I/O pin or other pin-shared function.
PWM Output Mode
To select this mode, bits TnM1 and TnM0 in the TMnC1 register should be set to 10 respectively
and also the TnIO1 and TnIO0 bits should be set to 10 respectively. The PWM function within the
TM is useful for applications which require functions such as motor control, heating control,
illumination control etc. By providing a signal of fixed frequency but of varying duty cycle on the
TM output pin, a square wave AC waveform can be generated with varying equivalent DC RMS
values.
As both the period and duty cycle of the PWM waveform can be controlled, the choice of generated
waveform is extremely flexible. In the PWM mode, the TnCCLR bit has no effect as the PWM
period. Both of the CCRA and CCRP registers are used to generate the PWM waveform, one register
is used to clear the internal counter and thus control the PWM waveform frequency, while the other
one is used to control the duty cycle. Which register is used to control either frequency or duty cycle
is determined using the TnDPX bit in the TMnC1 register. The PWM waveform frequency and duty
cycle can therefore be controlled by the values in the CCRA and CCRP registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com