Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 141 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 141 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 141Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 142Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 143Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 144Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 145Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
140
March 06 , 2012
Rev. 1.50
141
March 06 , 2012
An interrupt flag, one for each of the CCRA and CCRP, will be generated when a compare match
occurs from either Comparator A or Comparator P. The TnOC bit in the TMnC1 register is used to
select the required polarity of the PWM waveform while the two TnIO1 and TnIO0 bits are used to
enable the PWM output or to force the TM output pin to a fixed high or low level. The TnPOL bit is
used to reverse the polarity of the PWM output waveform.
●
ETM, PWM Mode, Edge — aligned Mode, TnCCLR=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
128
256
384
512
640
768
896
1024
A Duty
CCRA
B Duty
CCRB
If fSYS = 16MHz, TM clock source select fSYS/4, CCRP = 100b, CCRA = 128 and CCRB = 256,
The TP1A PWM output frequency = (fSYS/4) / 512 = fSYS/2048 = 7.8125kHz, duty = 128/512 = 25%.
The TP1B_n PWM output frequency = (fSYS/4) / 512 = fSYS/2048 = 7.8125kHz, duty = 256/512 = 50%.
If the Duty value defined by CCRA or CCRB register is equal to or greater than the Period value,
then the PWM output duty is 100%.
●
ETM, PWM Mode, Edge — aligned Mode, TnCCLR=1
CCRA
1
2
3
511
512
1021
1022
1023
Period
1
2
3
511
512
1021
1022
1023
B Duty
CCRB
●
ETM, PWM Mode, Center — aligned Mode, TnCCLR=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Period
256
512
768
1024
1280
1536
1792
2046
A Duty
(CCRAx2)-1
B Duty
(CCRBx2)-1
●
ETM, PWM Mode, Center — aligned Mode, TnCCLR=1
CCRA
1
2
3
511
512
1021
1022
1023
Period
2
4
6
1022
1024
2042
2044
2046
B Duty
(CCRBx2)-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com