Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 157 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 157 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 153Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 154Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 155Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 156Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 157Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 158Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 159Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 160Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 161Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
156
March 06 , 2012
Rev. 1.50
157
March 06 , 2012
The accompanying diagram shows graphically the various stages involved in an analog to digital
conversion process and its associated timing. After an A/D conversion process has been initiated by
the application program, the microcontroller internal hardware will begin to carry out the
conversion, during which time the program can continue with other functions. The time taken for the
A/D conversion is 16tADCK where tADCK is equal to the A/D clock period.
Programming Considerations
During microcontroller operations where the A/D converter is not being used, the A/D internal
circuitry can be switched off to reduce power consumption, by setting bit ADOFF high in the
ADCR0 register. When this happens, the internal A/D converter circuits will not consume power
irrespective of what analog voltage is applied to their input lines. If the A/D converter input lines are
used as normal I/Os, then care must be taken as if the input voltage is not at a valid logic level, then
this may lead to some increase in power consumption.
A/D Transfer Function
As the devices contain a 12-bit A/D converter, its full-scale converted digitised value is equal to
FFFH. Since the full-scale analog input value is equal to the VDD or VREF voltage, this gives a single
bit analog input value of VDD or VREF divided by 4096.
1LSB=(VDDorVREF) ÷ 4096
The A/D Converter input voltage value can be calculated using the following equation:
A/D input voltage =
A/Doutputdigitalvalue×(VDDorVREF) ÷ 4096
The diagram shows the ideal transfer function between the analog input value and the digitised
output value for the A/D converter. Except for the digitised zero value, the subsequent digitised
values will change at a point 0.5 LSB below where they would change without the offset, and the
last full scale digitised value will change at a point 1.5 LSB below the VDD or VREF level.
A/D Programming Example
The following two programming examples illustrate how to setup and implement an A/D
conversion. In the first example, the method of polling the EOCB bit in the ADCR0 register is used
to detect when the conversion cycle is complete, whereas in the second example, the A/D interrupt is
used to determine when the conversion is complete.
FF EH
(
)
A/ D C onv er si on
Re su lt
FFFH
FF DH
03H
02H
01H
0. 5 LS B
0
12
3
409 3 4094 4095 409 6
A nal og In pu t Vo lt age
1. 5 LS B
V DD or V RE F
409 6
Ideal A/D Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com