Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 161 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 161 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 157Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 158Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 159Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 160Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 161Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 162Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 163Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 164Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 165Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
160
March 06 , 2012
Rev. 1.50
161
March 06 , 2012
●
CP1C Register
Bit
7
6
5
4
3
2
1
0
Name
C1SEL
C1EN
C1POL
C1OUT
C1OS
—
—
C1HYEN
R/W
R/W
R/W
R/W
R
R/W
—
—
R/W
POR
1
0
0
0
0
—
—
1
Bit 7
C1SEL: Select Comparator pins or I/O pins
0: I/O pin select
1: Comparator pin select
This is the Comparator pin or I/O pin select bit. If the bit is high the comparator will
be selected and the two comparator input pins will be enabled. As a result, these two
pins will lose their I/O pin functions. Any pull-high configuration options associated
with the comparator shared pins will also be automatically disconnected.
Bit 6
C1EN: Comparator On/Off control
0: Off
1: On
This is the Comparator on/off control bit. If the bit is zero the comparator will be
switched off and no power consumed even if analog voltages are applied to its inputs.
For power sensitive applications this bit should be cleared to zero if the comparator is
not used or before the device enters the SLEEP or IDLE mode.
Bit 5
C1POL: Comparator output polarity
0: output not inverted
1: output inverted
This is the comparator polarity bit. If the bit is zero then the C1OUT bit will reflect the
non-inverted output condition of the comparator. If the bit is high the comparator
C1OUT bit will be inverted.
Bit 4
C1OUT: Comparator output bit
C1POL=0
0: C1+ < C1-
1: C1+ > C1-
C1POL=1
0: C1+ > C1-
1: C1+ < C1-
This bit stores the comparator output bit. The polarity of the bit is determined by the
voltages on the comparator inputs and by the condition of the C1POL bit.
Bit 3
C1OS: Output path select
0: C1X pin
1: Internal use
This is the comparator output path select control bit. If the bit is set to "0" and the
C1SEL bit is "1" the comparator output is connected to an external C1X pin. If the bit
is set to "1" or the C1SEL bit is "0" the comparator output signal is only used
internally by the device allowing the shared comparator output pin to retain its normal
I/O operation.
Bit 2~1
unimplemented, read as "0"
Bit 0
C1HYEN: Hysteresis Control
0: Off
1: On
This is the hysteresis control bit and if set high will apply a limited amount of
hysteresis to the comparator, as specified in the Comparator Electrical Characteristics
table. The positive feedback induced by hysteresis reduces the effect of spurious
switching near the comparator threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com