Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 178 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 178 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 174Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 175Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 176Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 177Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 178Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 179Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 180Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 181Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 182Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 242 page
background image
Rev. 1.50
178
March 06 , 2012
Rev. 1.50
179
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
St ar t
HA AS= 1
?
HT X= 1
?
SR W= 1
?
Ye s
No
Ye s
No
R XAK =1
?
Ye s
No
No
R ead fr om
SI MD t o re l eas e
SC L lin e
RE TI
Ye s
Du mm y r ead fr om
SI MD t o re l eas e
SC L Li ne
RE TI
RE TI
Wr it e dat a to S IM D
re l eas e SC L Li ne
SE T HT X
Wr it e dat a to S IM D
to r el eas e SC L Li ne
RE TI
CL R HT X
CL R T XAK
Du mm y r ead fr om
SI MD t o re l eas e
SC L Li ne
CL R HT X
CL R TX AK
RE TI
I2C Bus ISR Flow Chart
Serial Interface – SPIA
The devices contain an independent SPI function. It is important not to confuse this independent SPI
function with the additional one contained within the combined SIM function, which is described in
another section of this datasheet. This independent SPI function will carry the name SPIA to
distinguish it from the other one in the SIM.
The SPI interface is often used to communicate with external peripheral devices such as sensors,
Flash or EEPROM memory devices etc. Originally developed by Motorola, the four line SPI
interface is a synchronous serial data interface that has a relatively simple communication protocol
simplifying the programming requirements when communicating with external hardware devices.
The communication is full duplex and operates as a slave/master type, where the device can be
either master or slave. Although the SPIA interface specification can control multiple slave devices
from a single master, however this device is provided with only one SCSA pin. If the master needs
to control multiple slave devices from a single master, the master can use I/O pins to select the slave
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com