Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 179 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 179 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 175Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 176Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 177Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 178Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 179Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 180Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 181Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 182Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 183Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
178
March 06 , 2012
Rev. 1.50
179
March 06 , 2012
SPIA Interface Operation
The SPIA interface is a full duplex synchronous serial data link. It is a four line interface with pin
names SDIA, SDOA, SCKA and SCSA. Pins SDIA and SDOA are the Serial Data Input and Serial
Data Output lines, SCKA is the Serial Clock line and SCSA is the Slave Select line. As the SPIA
interface pins are pin-shared with normal I/O pins, the SPIA interface must first be enabled by
selecting the SPIA enable configuration option and setting the correct bits in the SPIAC0 and
SPIAC1 registers. After the SPIA configuration option has been configured it can also be
additionally disabled or enabled using the SPIAEN bit in the SPIAC0 register. Communication
between devices connected to the SPIA interface is carried out in a slave/master mode with all data
transfer initiations being implemented by the master. The Master also controls the clock signal. As
the device only contains a single SCSA pin only one slave device can be utilized.
The SCSA pin is controlled by the application program, set the SACSEN bit to “1” to enable the
SCSA pin function and clear the SACSEN bit to “0” to place the SCSA pin into a floating state.
SP IA M ast er
SP IA S l ave
SC KA
SD OA
SD IA
SC SA
SC KA
SD IA
SD OA
SC SA
SPIA Master/Slave Connection
Da ta B us
SP IA P in
SD OA P in
SP IA D
Tx /R x Sh if t R egi st er
Bu sy
St at us
C onf i gur at io n
Op ti on
SA TR F Fl ag
E nabl e/ Di s abl e
SAW CO L Fl ag
Cl oc k
E dge/ Po la ri ty
C ont ro l
Cl oc k
S our ce S el ec t
f SY S
f SU B
Ti me r/ Ev ent C ount er 0 out put /2 ( PF D0 )
SC KA P in
SC SA P in
C onf i gur at io n
Op ti on
SA CS EN b it
E nabl e/ Di s abl e
SA CK EG b it
SA CK PO L bi t
SPIA Block Diagram
The SPIA function in this device offers the following features:
● Full duplex synchronous data transfer
● Both Master and Slave modes
● LSB first or MSB first data transmission modes
● Transmission complete flag
● Rising or falling active clock edge
● SAWCOL and SACSEN bit enabled or disable select
The status of the SPIA interface pins is determined by a number of factors such as whether the
device is in the master or slave mode and upon the condition of certain control bits such as SACSEN
and SPIAEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com