Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 205 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 205 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 201Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 202Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 203Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 204Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 205Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 206Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 207Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 208Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 209Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
204
March 06 , 2012
Rev. 1.50
205
March 06 , 2012
LVD Operation
The Low Voltage Detector function operates by comparing the power supply voltage, VDD, with a
pre-specified voltage level stored in the LVDC register. This has a range of between 2.0V and 4.4V.
When the power supply voltage, VDD, falls below this pre-determined value, the LVDO bit will be
set high indicating a low power supply voltage condition. The Low Voltage Detector function is
supplied by a reference voltage which will be automatically enabled. When the device is powered
down the low voltage detector will remain active if the LVDEN bit is high. After enabling the Low
Voltage Detector, a time delay tLVDS should be allowed for the circuitry to stabilise before reading the
LVDO bit. Note also that as the VDD voltage may rise and fall rather slowly, at the voltage nears that
of VLVD, there may be multiple bit LVDO transitions.
LVD Operation
VD D
V LV D
LV DE N
LV DO
t LV DS
The Low Voltage Detector also has its own interrupt which is contained within one of the Multi-
function interrupts, providing an alternative means of low voltage detection, in addition to polling
the LVDO bit. The interrupt will only be generated after a delay of tLVD after the LVDO bit has been
set high by a low voltage condition. When the device is powered down the Low Voltage Detector
will remain active if the LVDEN bit is high. In this case, the LVF interrupt request flag will be set,
causing an interrupt to be generated if VDD falls below the preset LVD voltage. This will cause the
device to wake-up from the SLEEP or IDLE Mode, however if the Low Voltage Detector wake up
function is not required then the LVF flag should be first set high before the device enters the SLEEP
or IDLE Mode.
When LVD function is enabled, it is recommenced to clear LVD flag first, and then enables interrupt
function to avoid mistake action.
LCD Driver
For large volume applications, which incorporate an LCD in their design, the use of a custom
display rather than a more expensive character based display reduces costs significantly. However,
the corresponding COM and SEG signals required, which vary in both amplitude and time, to drive
such a custom display require many special considerations for proper LCD operation to occur. These
devices all contain an LCD Driver function, which with their internal LCD signal generating
circuitry and various options, will automatically generate these time and amplitude varying signals
to provide a means of direct driving and easy interfacing to a range of custom LCDs.
All devices include a wide range of options to enable LCD displays of various types to be driven.
The table shows the range of options available across the device range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com