Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 201 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 201 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 197Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 198Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 199Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 200Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 201Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 202Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 203Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 204Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 205Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
200
March 06 , 2012
Rev. 1.50
201
March 06 , 2012
EEPROM Interrupt
The EEPROM Interrupt, is contained within the Multi-function Interrupt. An EEPROM Interrupt
request will take place when the EEPROM Interrupt request flag, DEF, is set, which occurs when an
EEPROM Write cycle ends. To allow the program to branch to its respective interrupt vector
address, the global interrupt enable bit, EMI, EEPROM Interrupt enable bit, DEE, and associated
Multi-function interrupt enable bit, must first be set. When the interrupt is enabled, the stack is not
full and an EEPROM Write cycle ends, a subroutine call to the respective Multi-function Interrupt
vector, will take place. When the EEPROM Interrupt is serviced, the EMI bit will be automatically
cleared to disable other interrupts, however only the Multi-function interrupt request flag will be
also automatically cleared. As the DEF flag will not be automatically cleared, it has to be cleared by
the application program.
LVD Interrupt
The Low Voltage Detector Interrupt is contained within the Multi-function Interrupt. An LVD
Interrupt request will take place when the LVD Interrupt request flag, LVF, is set, which occurs
when the Low Voltage Detector function detects a low power supply voltage. To allow the program
to branch to its respective interrupt vector address, the global interrupt enable bit, EMI, Low Voltage
Interrupt enable bit, LVE, and associated Multi-function interrupt enable bit, must first be set. When
the interrupt is enabled, the stack is not full and a low voltage condition occurs, a subroutine call to
the Multi-function Interrupt vector, will take place. When the Low Voltage Interrupt is serviced, the
EMI bit will be automatically cleared to disable other interrupts, however only the Multi-function
interrupt request flag will be also automatically cleared. As the LVF flag will not be automatically
cleared, it has to be cleared by the application program.
TM Interrupts
The Compact and Standard Type TMs have two interrupts each, while the Enhanced Type TM has
three interrupts. All of the TM interrupts are contained within the Multi-function Interrupts. For each
of the Compact and Standard Type TMs there are two interrupt request flags TnPF and TnAF and
two enable bits TnPE and TnAE. For the Enhanced Type TM there are three interrupt request flags
TnPF, TnAF and TnBF and three enable bits TnPE, TnAE and TnBE. A TM interrupt request will
take place when any of the TM request flags are set, a situation which occurs when a TM comparator
P, A or B match situation happens.
To allow the program to branch to its respective interrupt vector address, the global interrupt enable
bit, EMI, respective TM Interrupt enable bit, and relevant Multi-function Interrupt enable bit, MFnE,
must first be set. When the interrupt is enabled, the stack is not full and a TM comparator match
situation occurs, a subroutine call to the relevant Multi-function Interrupt vector locations, will take
place. When the TM interrupt is serviced, the EMI bit will be automatically cleared to disable other
interrupts, however only the related MFnF flag will be automatically cleared. As the TM interrupt
request flags will not be automatically cleared, they have to be cleared by the application program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com