Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 200 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 200 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 196Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 197Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 198Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 199Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 200Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 201Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 202Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 203Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 204Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 242 page
background image
Rev. 1.50
200
March 06 , 2012
Rev. 1.50
201
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Serial Interface Module Interrupt
The Serial Interface Module Interrupt, also known as the SIM interrupt, is contained within the
Multi-function Interrupt. A SIM Interrupt request will take place when the SIM Interrupt request
flag, SIMF, is set, which occurs when a byte of data has been received or transmitted by the SIM
interface. To allow the program to branch to its respective interrupt vector address, the global
interrupt enable bit, EMI, and the Serial Interface Interrupt enable bit, SIME, and Muti-function
interrupt enable bits, must first be set. When the interrupt is enabled, the stack is not full and a byte
of data has been transmitted or received by the SIM interface, a subroutine call to the respective
Multi-function Interrupt vector, will take place. When the Serial Interface Interrupt is serviced, the
EMI bit will be automatically cleared to disable other interrupts, however only the Multi-function
interrupt request flag will be also automatically cleared. As the SIMF flag will not be automatically
cleared, it has to be cleared by the application program.
External Peripheral Interrupt
The External Peripheral Interrupt operates in a similar way to the external interrupt and is contained
within the Multi-function Interrupt. A Peripheral Interrupt request will take place when the External
Peripheral Interrupt request flag, XPF, is set, which occurs when a negative edge transition appears
on the PINT pin. To allow the program to branch to its respective interrupt vector address, the global
interrupt enable bit, EMI, external peripheral interrupt enable bit, XPE, and associated Multi-
function interrupt enable bit, must first be set. When the interrupt is enabled, the stack is not full and
a negative transition appears on the External Peripheral Interrupt pin, a subroutine call to the
respective Multi-function Interrupt, will take place. When the External Peripheral Interrupt is
serviced, the EMI bit will be automatically cleared to disable other interrupts, however only the
Multi-function interrupt request flag will be also automatically cleared.
As the XPF flag will not be automatically cleared, it has to be cleared by the application program.
The external peripheral interrupt pin is pin-shared with several other pins with different functions. It
must therefore be properly configured to enable it to operate as an External Peripheral Interrupt pin.
Serial Interface Interrupt
The Serial Interface Interrupt, also known as the SPIA interrupt, is contained within the Multi-
function Interrupt. A SPIA Interrupt request will take place when the SPIA Interrupt request flag,
SPIAF, is set, which occurs when a byte of data has been received or transmitted by the SPIA
interface. To allow the program to branch to its respective interrupt vector address, the global
interrupt enable bit, EMI, and the Serial Interface Interrupt enable bit, SPIAE, and Multi-function
interrupt enable bits, must first be set. When the interrupt is enabled, the stack is not full and a byte
of data has been transmitted or received by the SPIA interface, a subroutine call to the respective
Multi-function Interrupt vector, will take place. When the Serial Interface Interrupt is serviced, the
EMI bit will be automatically cleared to disable other interrupts, however only the Multi-function
interrupt request flag will be also automatically cleared. As the SPIAF flag will not be automatically
cleared, it has to be cleared by the application program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com