Electronic Components Datasheet Search
  English  ▼

X  

HT67F30 Datasheet(PDF) 199 Page - Holtek Semiconductor Inc

Part # HT67F30
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F30 Datasheet(HTML) 199 Page - Holtek Semiconductor Inc

Back Button HT67F30 Datasheet HTML 195Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 196Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 197Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 198Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 199Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 200Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 201Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 202Page - Holtek Semiconductor Inc HT67F30 Datasheet HTML 203Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
198
March 06 , 2012
Rev. 1.50
199
March 06 , 2012
●
TBC Register
Bit
7
6
5
4
3
2
1
0
Name
TBON
TBCK
TB11
TB10
LXTLP
TB02
TB01
TB00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
1
1
0
1
1
1
Bit 7
TBON: TB0 and TB1 Control
0: Disable
1: Enable
Bit 6
TBCK: Select fTB Clock
0: fTBC
1: fSYS/4
Bit 5~4
TB11~TB10: Select Time Base 1 Time-out Period
00: 4096/fTB
01: 8192/fTB
10: 16384/fTB
11: 32768/fTB
Bit 3
LXTLP: LXT Low Power Control
0: Disable
1: Enable
Bit 2~0
TB02~TB00: Select Time Base 0 Time-out Period
000: 256/fTB
001: 512/fTB
010: 1024/fTB
011: 2048/fTB
100: 4096/fTB
101: 8192/fTB
110: 16384/fTB
111: 32768/fTB
M
U
X
M
U
X
LX T
LI RC
f SY S /4
¸ 2 ~ 2
81 5
¸ 2 ~ 2
12
15
TB 11~ TB 10
Ti me B as e 0 In te rr upt
Ti me B as e 1 In te rr upt
Co nf i gur at io n
Op ti o n
TB CK B it
TB 02~ TB 00
f TB
f TB C
Time Base Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com