Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
38
DAC SOFT MUTE AND SOFT UN-MUTE
The WM8961 also has a soft mute function, which, when enabled, gradually attenuates the volume of
the digital signal to zero. When soft mute is disabled, the gain will either gradually ramp back up to the
digital gain setting, or return instantly to the digital gain setting, depending on the DACSMM register
bit.
The DAC is soft-muted by default. To play back an audio signal, this function must first be disabled by
setting the DACMU bit to zero.
DACSMM would typically be enabled when using soft mute during playback of audio data so that
when soft mute is then disabled, the sudden volume increase will not create pop noise by jumping
immediately to the previous volume level (e.g. resuming playback after pausing during a track).
DACSMM would typically be disabled when un-muting at the start of a digital music file, so that the
first part of the track is not attenuated (e.g. when starting playback of a new track, or resuming
playback after pausing between tracks).
DAC muting and un-muting using
volume control bits LDACVOL and
RDACVOL.
DAC muting and un-muting using soft
mute bit DACMU.
Soft un-mute not enabled (DACSMM
= 0).
DAC muting and un-muting using soft
mute bit DACMU.
Soft un-mute enabled (DACSMM =
1).
Figure 17 DAC Mute Control
The volume ramp rate during soft mute and un-mute is controlled by the DACMR bit. Ramp rates of
fs/32 and fs/2 are selectable as shown in Table 20 (fs = DAC sample rate).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC and DAC
Control (1)
3
DACMU
1
Digital Soft Mute
1 = Mute
0 = No mute (signal active)
R6 (06h)
ADC and DAC
Control (2)
3
DACSMM
0
DAC Soft Mute Mode
0 = Disabling soft-mute (DACMU=0)
will cause the volume to change
immediately to the LDACVOL /
RDACVOL settings
1 = Disabling soft-mute (DACMU=0)
will cause the volume to ramp up
gradually to the LDACVOL /
RDACVOL settings
2
DACMR
0
DAC Soft Mute Ramp Rate
0 = Fast ramp (fs/2 at fs=48k,
providing maximum delay of 10.7ms)
1 = Slow ramp (fs/32 at fs=48k,
providing maximum delay of
171ms)DAC Soft Mute Ramp Rate
Table 20 DAC Soft-Mute Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com