Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
50
To prevent pop noise, CLASSD_ACGAIN should not be modified while the speaker outputs are
enabled.
To avoid clipping at speaker supply, SPKVDD1 and SPKVDD2 must be high enough to support the
peak output voltage when using CLASSD_ACGAIN functions.
The maximum RMS output voltage is defined by the equation:
MAX. RMS OUTPUT VOLTAGE = AVDD/1.8* CLASSD_ACGAIN.
The above formula assumes there is 0.5dB loss (6%) due to PCB tracking. 0.5dB corresponds to 0.5
Ω
total tracking impedance with an 8
Ω speaker. If the tracking impedance is greater than or less than
6% of the speaker impedance, the output voltage will differ slightly to the above formula.
CLASS D SPEAKER OUTPUT DRIVER
The class D speaker outputs SPK_LN/SPK_LP and SPK_RN/SPK_RP can drive 1W into 8
Ω BTL
speakers at SPKVDD=5v. The Class D output stage is shown in Figure 22.
SPK_LP
SPK_LN
SPKVDD1
-
+
SPKGND1
From Left Speaker PGA
Volume Control
Left Speaker Class D
Driver Output Stage
R51,
CLASSD_ACGAIN[2:0]
R49, SPKL_ENA
SPK_RP
SPK_RN
SPKVDD2
-
+
SPKGND2
From Right Speaker PGA
Volume Control
Right Speaker Class D
Driver Output Stage
R51,
CLASSD_ACGAIN[2:0]
R49, SPKR_ENA
Figure 22 Class D Speaker Output Stage
Class D outputs reduce power consumption and maximise efficiency by reducing power dissipated in
the output drivers, delivering most of the power directly to the load. This is achieved by pulse width
modulation (PWM) of a high frequency square wave, allowing the audio signal level to be set by
controlling the pulse width. The frequency of the output waveform is controlled by DCLKDIV, and is
derived from SYSCLK.
The speaker output enable bits SPKR_ENA and SPKL_ENA should not be enabled until there is a
valid switching clock to drive the Class D outputs. This means that SYSCLK must be active, and
DCLKDIV set to an appropriate value to produce a Class D clock which runs at a nominal frequency of
384kHz when SYSCLK=12.288 MHz, or 352.8kHz when SYSCLK=11.2896MHz. This clock should
not be altered or disabled while the Class D outputs are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com