Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
56
DC SERVO FILTER BANDWIDTH
The DC Servo filter bandwidth can be modified to change the time taken to measure and correct the
DC offset. The longer the time taken to measure the offset, then the more accurate the correction will
be.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R63 (3Fh)
DC Servo 3
5:4
DCS_FILT_BW_SERIES[1:0]
01
Bandwidth of filter during series
updates. Determines how long a
measurement takes.
00 : 6ms
01 : 275ms
10 : 1.2s
11 : 4.4s
Table 40 DC Servo Filter Bandwidth Control
CHARGE PUMP
The WM8961 incorporates a dual-mode Charge Pump which generates the +ve (VPOS) and –ve
(VNEG) supply rails for the headphone output driver. The Charge Pump has a single supply input,
CPVDD, and generates split rails VPOS and VNEG according to the selected mode of operation,
which means that the headphone driver is capable of driving headphones without the need for large
AC coupling capacitors. The Charge Pump connections are illustrated in Figure 28 (see ‘applications
information’ for external component values). An input decoupling capacitor may also be required at
CPVDD, depending upon the system configuration.
Figure 28 Charge Pump External Connections
Three external capacitors are needed for the charge pump. The fly-back pins (CFB1 and CFB2)
require a 1μF capacitance or greater at 2V. The VPOS and VNEG supply pins each require a 2μF
capacitance decoupling capacitor at 2V.
ENABLING THE CHARGE PUMP
An external clock (MCLK) input is required for the charge pump operation. The minimum MCLK
frequency for the specified charge pump performance is 2.8224MHz.
The charge pump is enabled by setting the CP_ENA bit. DVDD and CPVDD must be active before the
charge pump is enabled. The charge pump initialisation time is specified in the Electrical
Characteristics. DVDD and CPVDD must be active before the charge pump is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R72 (48h)
Charge Pump
1
0
CP_ENA
0
Enable charge-pump
digits
0: disable
1: enable
Table 41 Charge Pump Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com