Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
94
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R41 (29h)
ROUT2
volume
8
SPKVU
0
Speaker PGA volume update
7
SPKRZC
0
Right speaker PGA zero cross enable
6:0
SPKRVOL[6:0]
000_0000
Right Speaker output PGA gain, 1dB steps
0000000 to 0101111 : Mute
0110000 : -73dB
…
1111001 : 0dB
…
1111111 : +6dB
Register 29h ROUT2 volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R47 (2Fh)
Pwr Mgmt (3)
1
TEMP_SHUT
0
Read only status of temperature sensor
triggers at 145 degrees C
0
TEMP_WARN
0
Read only status of temperature sensor – triggers at 125 degrees C
Register 2Fh Pwr Mgmt (3)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R48 (30h)
Additional
Control (4)
1
TSENSEN
1
Enable overheat temp sensor
0
MBSEL
1
0: MICBIAS = 5/6 AVDD
1: MICBIAS = 7/6 AVDD
Register 30h Additional Control (4)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49 (31h)
Class D
Control 1
7
SPKR_ENA
0
Right channel class D enable
6
SPKL_ENA
0
Left channel Class D enable
Register 31h Class D Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R51 (33h)
Class D
Control 2
2:0
CLASSD_ACGAIN[2:0]
011
AC speaker boost (Boosts speaker AC output signal on both left
and right channels)
000 – 1.00 x boost (+0dB)
001 – 1.19 x boost (+1.5dB)
010 – 1.41 x boost (+3dB)
011 – 1.68 x boost (+4.5B)
100 – 2.00 x boost (+6B)
101 – 2.37 x boost (+7.5dB)
110 – 2.81 x boost (+9dB)
111 – 3.98 x boost (+12dB)
Note that +12dB setting will cause a full scale output signal to clip.
Register 33h Class D Control 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com