Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
43
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
LOUT1
Volume
8
OUT1VU
0
Headphone Volume Update
0 = Store LOUT1VOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = LOUT1VOL, right = intermediate
latch)
7
LO1ZC
0
Left zero cross enable
0 = Change gain immediately
1 = Change gain on zero cross only
6:0
LOUT1VOL
[6:0]
0000000
(MUTE)
LOUT1 Volume
1111111 = +6dB
… 1dB steps down to
0110000 = -73dB
0101111 to 0000000 = Analogue
MUTE
R3 (03h)
ROUT1
Volume
8
OUT1VU
0
Headphone Volume Update
0 = Store ROUT1VOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = intermediate latch, right =
ROUT1VOL)
7
RO1ZC
0
Right zero cross enable
0 = Change gain immediately
1 = Change gain on zero cross only
6:0
ROUT1VOL
[6:0]
0000000
(MUTE)
ROUT1 Volume
Similar to LOUT1VOL
R26 (1Ah)
Power
Management
(2)
6
LOUT1_PGA
0
LOUT1 left headphone PGA Output
Enable
5
ROUT1_PGA
0
ROUT1 right headphone PGA Output
Enable
Table 28 Headphone Output PGA Volume Control
See "Volume Updates" section for a description of the volume update function, the zero cross function
and the timeout operation.
HEADPHONE OUTPUT DRIVE STAGE
The headphone output drive stage is a stereo differential to single-ended amplifier. It is capable of
driving 16
Ω or 32Ω headphones without the need for large AC coupling capacitors, which is achieved
by having separate positive and negative supplies, generated by a charge pump, detailed in the
“Charge Pump” section. It also permits power up and power down with minimised ‘pop’ operation
through the use of a DC Servo to null out any offset on the outputs.
A secondary volume PGA in the output drive stage permits an improvement in SNR for applications
that limit the maximum output voltage. This PGA can be set to attenuate by up to 7dB, as detailed in
Table 29.
Because the secondary volume PGA controlled by HPL_VOL[2:0] and HPR_VOL[2:0] does not have
a Zero Cross functionality, it is designed to be adjusted only during initialisation or periods of silence.
For volume adjustments with a signal playing, it is recommended to use LOUT1VOL and ROUT1VOL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com