Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
10
Test Conditions
MICVDD = 2.5V, DVDD = 1.8V, CPVDD=1.8V, AVDD = 1.8V SPKVDD1 = SPKVDD2 = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO =320mW, RL = 8
Ω,
SPKVDD1=SPKVDD2
=5V; AVDD=1.8V
-61
0.089
-50
0.32
dB
%
PO =1W, RL = 8
Ω,
SPKVDD1=SPKVDD2
=5V; AVDD=1.8V
-58
0.13
-45
0.56
dB
%
Signal to Noise Ratio
(A-weighted)
(DAC to speaker outputs)
SNR
SPKVDD1=SPKVDD2
=3.3V; AVDD=1.8V;
RL = 8
Ω, ref=2.0Vrms
90
dB
SPKVDD1=SPKVDD2
=5V; AVDD=1.8V;
RL = 8
Ω, ref=2.8Vrms
82
92
dB
Speaker Supply Leakage current
ISPKVDD
SPKVDD1=SPKVDD2
=5V;
All other supplies
disconnected
1
5
uA
SPKVDD1=SPKVDD2
=5V;
All other supplies 0V
1
5
uA
Power Supply Rejection Ratio
(SPKVDD1/SPKVDD2)
PSRR
100mV(peak-peak)
217Hz
75
dB
100mV(peak-peak) 1kHz
75
dB
SPKL/RVOL
Volume Gain
-68
6
dB
Volume Gain Step Size
Guaranteed monotonic
1
dB
Mute Attenuation
87
dB
L/ROUTVOL
Volume Gain
-68
6
dB
Volume Gain Step Size
Guaranteed monotonic
1
dB
Mute Attenuation
85
dB
Analogue Reference Levels
Mid-rail Reference Voltage
VMID
–3%
AVDD/2
+3%
V
Microphone Bias
Bias Voltage
(Note that MBSEL=1 only
allowed if MICVDD is greater
than +2.40V )
VMICBIAS
MICVDD=2.5V
2mA load current
MBSEL=1
-10%
7/6
×AVDD
+10%
V
MICVDD=2.5V
2mA load current
MBSEL=0
-10%
5/6
×AVDD
+10%
V
Power Supply Rejection Ratio
PSRR
100mV ripple on MICVDD
@1kHz, MBSEL=1
68
dB
100mV ripple on AVDD
@1kHz, MBSEL=1
51
Bias Current Source
IMICBIAS
2
mA
Output Noise spectral density
@1KHz
Vst
1KHz, MBSEL=1
85
nV/
√Hz
CHARGE PUMP
Charge Pump switching
frequency
CPFREQ
1
MHz
Flyback capacitor
(between CFB1 and CFB2 pins)
CFB
at 2V
1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com