Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
99
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R88 (58h)
Write
Sequencer 2
8
WSEQ_EOS
0
Writes to the EOS field in the current write sequencer memory location
(specified by last write to WSEQ_WRITE_INDEX).
0 – not end of current sequence
1 – end of current sequence. The write sequencer will stop after this
write has been completed.
7:0
WSEQ_ADDR[7:0]
0000_0000 This data will be written into the Register Address field of the current
write sequencer memory location (specified by
WSEQ_WRITE_INDEX).
Register 58h Write Sequencer 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R89 (59h)
Write
Sequencer 3
7:0
WSEQ_DATA[7:0]
0000_0000 The Data which is to be used to overwrite the current register bits.
Only bits [WSEQ_DATA_WIDTH:0] of this register are used. The
remaining bits should be set to 0.
Register 59h Write Sequencer 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R90 (5Ah)
Write
Sequencer 4
8
WSEQ_ABORT
0
Quit the current sequence and return control of the device back
to the serial control interface.
7
WSEQ_START
0
Starts the write sequencer. The write sequencer will start
writing the contents of its memory from WSEQ_START_INDEX
until it reaches an end-of-sequence flag.
Note that this bit will be reset by the Write Sequencer state
machine at the end of each sequence.
5:0
WSEQ_START_INDEX[5:0]
00_0000
Sequence Start Index. Gives the location in memory that the
Write Sequencer will start executing from.
00_0000 -> 01_1111 : locations in RAM portion of memory
10_0000 -> 11_0000 : location in ROM portion of memory.
11_0001 -> 11_1111 : reserved.
Register 5Ah Write Sequencer 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R91 (5Bh)
Write
Sequencer 5
6:4
WSEQ_DATA_WIDTH[2:0]
000
Sets the highest bit of the bit slice that the write sequencer will
write to. Total width = value of this register + 1. For example:
000: Highest bit is 0. Data width 1
001: Highest bit is 1. Data width 2
…
111: Highest bit is 7. Data width 8
3:0
WSEQ_DATA_START[3:0]
0000
Selects the bit in the register for WSEQ_DATA to replace. For
example, if:
WSEQ_ADDR = 2Eh
WSEQ_DATA_WIDTH = 3 WSEQ_DATA_START = 5,
the write sequencer (when the sequence is activated) will
replace bits [7:5] of register 2Eh with the data supplied in
WSEQ_DATA[2:0].
Register 5Bh Write Sequencer 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com