Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
81
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8961 can be configured using the Control Interface. All registers not listed and all unused bits should not be written to.
All registers can be read back. Registers R1[15:12] returns the device ID when read.
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R0 (0h) Left Input
volume
0
0
0
0
0
0
0
IPVU LINMUTE LIZC
LINVOL[5:0]
009Fh
R1 (1h) Right Input
volume
DEVICE_ID[3:0]
CHIP_REV[2:0]
IPVU RINMUTE RIZC
RINVOL[5:0]
029Fh
R2 (2h) LOUT1 volume
0
0
0
0
0
0
0
OUT1VU LO1ZC
LOUT1VOL[6:0]
0000h
R3 (3h) ROUT1 volume
0
0
0
0
0
0
0
OUT1VU RO1ZC
ROUT1VOL[6:0]
0000h
R4 (4h) Clocking1
0
0
0
0
0
0
0
ADCDIV[2:0]
DACDIV[2:0]
MCLKDIV
0
0
0020h
R5 (5h) ADC & DAC
Control 1
0
0
0
0
0
0
0
0
0
ADCPOL[1:0]
0
DACMU
DEEMPH[1:0] ADCHPD 0008h
R6 (6h) ADC & DAC
Control 2
0
0
0
0
0
0
0
ADC_HPF_CUT[1:0] DACPOL[1:0]
0
DACSMMDACMRDACSLOPE
DAC_OSR1
28
0000h
R7 (7h) Audio Interface
0
0
0
0
0
0
0
0
ALRSWAPBCLKINV
MS DLRSWAP LRP
WL[1:0]
FORMAT[1:0]
000Ah
R8 (8h) Clocking2
0
0
0
0
0
0
0
DCLKDIV[2:0]
CLK_SYS_
ENA
CLK_DSP_
ENA
BCLKDIV[3:0]
01F4h
R9 (9h) Audio Interface
1
0
0
0
0
0
0
0
0
0
0
0
DACCOMP[1:0] ADCCOMP[1:0]LOOPBACK0000h
R10 (Ah) Left DAC
volume
0
0
0
0
0
0
0
DACVU
LDACVOL[7:0]
00FFh
R11 (Bh) Right DAC
volume
0
0
0
0
0
0
0
DACVU
RDACVOL[7:0]
00FFh
R14 (Eh) Audio Interface
2
0
0
0
0
0
0
0
LRCLK_RATE[8:0]
0040h
R15 (Fh) Software Reset
SW_RST_DEV_ID1[15:0]
1801h
R17 (11h) ALC1
0
0
0
0
0
0
0
ALCSEL[1:0]
MAXGAIN[2:0]
ALCL[3:0]
007Bh
R18 (12h) ALC2
0
0
0
0
0
0
0
0
0
MINGAIN[2:0]
HLD[3:0]
0000h
R19 (13h) ALC3
0
0
0
0
0
0
0
ALCMODE
DCY[3:0]
ATK[3:0]
0032h
R20 (14h) Noise Gate
0
0
0
0
0
0
0
0
NGTH[4:0]
0
NGG
NGAT
0000h
R21 (15h) Left ADC
volume
0
0
0
0
0
0
0
ADCVU
LADCVOL[7:0]
00C0h
R22 (16h) Right ADC
volume
0
0
0
0
0
0
0
ADCVU
RADCVOL[7:0]
00C0h
R23 (17h) Additional
control(1)
0
0
0
0
0
0
0
TSDEN
0
0
0
DMONOMI
X
0
0
0
TOEN
0120h
R24 (18h) Additional
control(2)
0
0
0
0
0
0
0
0
0
0
0
0
TRIS
0
0
0
0000h
R25 (19h) Pwr Mgmt (1)
0
0
0
0
0
0
0
VMIDSEL[1:0]
VREF
AINL
AINR
ADCL
ADCR
MICB
0
0000h
R26 (1Ah) Pwr Mgmt (2)
0
0
0
0
0
0
0
DACL
DACRLOUT1_PG
A
ROUT1_PG
A
SPKL_PGA
SPKR_PGA 0
0
0
0000h
R27 (1Bh) Additional
Control (3)
0
0
0
0
0
0
0
0
0
0
0
0
0
SAMPLE_RATE[2:0]
0000h
R28 (1Ch) Anti-pop
0
0
0
0
0
0
0
0
0
0
0 BUFDCOPE
N
BUFIOENSOFT_ST
0
0
0000h
R30 (1Eh) Clocking 3
0
0
0
0
0
0
0
CLK_TO_DIV[1:0]
CLK_256K_DIV[5:0]
MANUAL_M
ODE
005Fh
R32 (20h) ADCL signal
path
0
0
0
0
0
0
0
0
0
0
LMICBOOST[1:0]
0
0
0
0
0000h
R33 (21h) ADCR signal
0
0
0
0
0
0
0
0
0
0
RMICBOOST[1:0]
0
0
0
0
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com