Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
44
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R71 (47h)
Analogue HP 2
8:6
HPL_VOL[2:0]
111
Secondary HPL PGA Volume
111
0dB (default)
110
-1dB
101
-2dB
100
-3dB
011
-4dB
010
-5dB
001
-6dB
000
-7dB
5:3
HPR_VOL[2:0]
111
Secondary HPR PGA Volume
111
0dB (default)
110
-1dB
101
-2dB
100
-3dB
011
-4dB
010
-5dB
001
-6dB
000
-7dB
Table 29 Headphone Output Drive Volume Control
HEADPHONE OUTPUT ENABLE
The staged enabling of the headphone outputs can be controlled using register R69. The HPL_ENA
and HPR_ENA enable the headphone amplifiers. The HPL_ENA_OUTP and HPR_ENA_OUTP
should be enabled following any offset cancellation by the DC Servo.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R69 (45h)
Analogue
HP 0
7
HPL_RMV_SHORT
0
Left channel output short removal: set after output stage
has been enabled
6
HPL_ENA_OUTP
0
Enables left channel output stage; set after offset
cancellation is done
5
HPL_ENA_DLY
0
delayed left channel enable, set with at least 20us delay
to HPL_ENA; reset together with HPL_ENA
4
HPL_ENA
0
Enables left headphone amplifier channel
3
HPR_RMV_SHORT
0
right channel output short removal: set after output
stage has been enabled
2
HPR_ENA_OUTP
0
enables right channel output stage; set after offset
cancellation is done
1
HPR_ENA_DLY
0
delayed right channel enable, set with at least 20us
delay to HPR_ENA; reset together with HPR_ENA
0
HPR_ENA
0
Enables right headphone amplifier channel
Table 30 Headphone Output Enable Control
HEADPHONE OUTPUT CIRCUIT
It is recommended that the HP-L and HP_R is connected to a zobel network consisting of a 20Ω
resistor (5% tolerance) and a 100nF capacitor (20% tolerance). This ensures the stability of the
headphone output amplifier. This is also illustrated in Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com