Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
83
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Left Input
volume
8
IPVU
0
Write 1 to do a volume update on inputs
7
LINMUTE
1
Left Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-mute.
6
LIZC
0
Zero cross enable. Requires separate register write before volume setting.
0 : Disable zero cross on left input PGA
1 : Enable zero cross
5:0
LINVOL[5:0]
01_1111
Left input PGA gain, 0.75dB steps
000000 : -23.25dB
000001 : -22.50dB
…
011111 : 0dB
…
111110 : 23.25dB
111111 : 24.00dB
Register 00h Left Input volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Right Input
volume
15:12
DEVICE_ID [3:0]
0000
Reading from this register will indicate device family ID
Device ID: [3:0]
0000 = 1801
0001-1111 : unused
11:9
CHIP_REV[2:0]
010
Device Revision: [2:0]
000 = Rev A
001 = Rev B
010 = Rev C
011-111 : unused
8
IPVU
0
Write 1 to do a volume update on inputs
7
RINMUTE
1
Right Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-mute.
6
RIZC
0
Zero cross enable. Requires separate register write before volume
setting.
0 : Disable
1 : Enable
5:0
RINVOL[5:0]
01_1111
Right input PGA gain, 0.75dB steps
000000 : -23.25dB
000001 : -22.50dB
…
011111 : 0dB
…
111110 : 23.25dB
111111 : 24.00dB
Register 01h Right Input volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com