Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
59
MASTER MODE BCLK AND LRC GENERATION
The BCLK frequency is controlled by BCLKDIV[3:0] which must be set appropriately to support the
ADC and DAC sample rate.
The LRC is set by the LRCLK_RATE[ 8:0] which is an integer division of the BCLK.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Clocking2
3:0
BCLKDIV[3:0]
0100
BCLK Frequency (Master Mode)
0000 = SYSCLK
0001 = Reserved
0010 = SYSCLK / 2
0011 = SYSCLK / 3
0100 = SYSCLK / 4 (default)
0101 = Reserved
0110 = SYSCLK / 6
0111 = SYSCLK / 8
1000 = Reserved
1001 = SYSCLK / 12
1010 = SYSCLK / 16
1011 = SYSCLK / 24
1100 = Reserved
1101 to 1111 = SYSCLK / 32
R14 (0Eh) Audio
Interface 2
8:0
LRCLK_RATE[8:0]
0_0100_0000 Integer divide of BCLK. 50:50 LRCLK duty cycle is only
guaranteed with even values (4, 6, … … , 510).
0_0000_0000 to 0_0000_0011 : reserved
0_0000_0100 : 4
…
0_0100_0000 : 64
…
1_1111_1110 : 510
1_1111_1111: Reserved
Table 43 Master Mode BCLK and LRC Configuration
Internal clock divide and phase control mechanisms ensure that the BCLK and LRC edges will occur
in a predictable and repeatable position relative to each other and to the data.
See Clocking and Sample Rates section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com