Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
60
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRC transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles before each LRC transition.
Figure 31 Left Justified Audio Interface (assuming n-bit word length)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRC transition.
All other bits are transmitted before (MSB first). Depending on word length, BCLK frequency and
sample rate, there may be unused BCLK cycles after each LRC transition.
Figure 32 Right Justified Audio Interface (assuming n-bit word length)
In I
2S mode, the MSB is available on the second rising edge of BCLK following a LRC transition. The
other bits up to the LSB are then transmitted in order. Depending on word length, BCLK frequency
and sample rate, there may be unused BCLK cycles between the LSB of one sample and the MSB of
the next.
Figure 33 I
2S Justified Audio Interface (assuming n-bit word length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com