Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (20h)
ADCL signal
path
5:4
LMICBOOST
[1:0]
00
Left Channel Input PGA Boost Gain
00 = +0dB
01 = +13dB
10 = +20dB
11 = +29dB
R33 (21h)
ADCR signal
path
5:4
RMICBOOST
[1:0]
00
Right Channel Input PGA Boost Gain
00 = +0dB
01 = +13dB
10 = +20dB
11 = +29dB
Table 7 Microphone PGA Boost Control
The output of the boost stage drives the ADC.
MICROPHONE INPUT CONNECTION EXAMPLE AND MICROPHONE
BIASING
The input PGAs can be configured to use a single-ended input microphone. In the single ended
microphone input configuration the microphone signal can be input to LINPUT. An example of this is
shown in Figure 13 which also shows the microphone biasing.
Figure 13 Single Ended Microphone Configuration Example
MICROPHONE BIASING CIRCUIT
The MICBIAS output pin provides a low noise reference voltage suitable for biasing electret type
microphones and the associated external resistor biasing network. Refer to the Applications
Information section for recommended external components. The MICBIAS voltage can be altered via
the MBSEL register
bit. When MBSEL=0, MICBIAS=5/6
×AVDD and when MBSEL=1,
MICBIAS=7/6
×AVDD. The output can be enabled or disabled using the MICB control bit. (Note that
MBSEL=1 only allowed if MICVDD is greater than +2.40V)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power
management (1)
1
MICB
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
R48 (30h)
Additional Control
(4)
0
MBSEL
1
Microphone Bias Voltage Control
1 = 7/6 * AVDD
0 = 5/6 * AVDD
Table 8 Microphone Bias Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com