Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 100 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 100 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 104Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
100
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R92 (5Ch)
Write
Sequencer 6
3:0
WSEQ_DELAY[3:0]
0000
The Delay to be inserted between the current write taking place and
the next write taking place.
0000 : 0s
0001 : 125us
0010 : 250us
0011 : 500us
0100 : 1 ms
0101 : 2ms
0110 : 4ms
0111 : 8ms
1000 : 16ms
1001 : 32ms
1010 : 64ms
1011 : 128ms
1100 : 256ms
1101 : 512ms
1110 : 1.024s
1111 : 2.048s
Register 5Ch Write Sequencer 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R93 (5Dh)
Write
Sequencer 7
0
WSEQ_BUSY
0
Read-only Register to give Write Sequencer Status.
0: write sequencer idle, control interface is fully active
1: write sequencer busy, control interface is blocked.
Register 5Dh Write Sequencer 7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R252 (FCh)
General test
1
1
ARA_ENA
0
Alert Response Address Enable
0 : off
1 : on
0
AUTO_INC
1
Enable Auto-Increment
0 : off
1 : on
Register FCh General Test 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com