Electronic Components Datasheet Search
  English  ▼

X  

WM8961 Datasheet(PDF) 102 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 102 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 106Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
102
DAC FILTER RESPONSES
This series of plots shows the filter response for the entire DAC channel for different signal rates. The
full path, has a nominal gain of 3.01dB (1V input, 1.414V output), this means that the highest nodes in
the 48kHz case are at 47.5dB (rather than below the 50dB specification).
Sample Rate (kHz)
Sloping Stop-band
MCLK recommended rate for DAC only
playback (CODEC mode) (Hz)
8
Yes
3072000 (3072000)
11.025
Yes
2822400 (2822400)
12
Yes
3072000 (3072000)
16
Yes
2048000 (6144000)
22.05
Yes
2822400 (5644800)
24
Yes
3072000 (6144000)
32
No
2048000 (8192000)
44.1
No
2822400 (11289600)
48
No
3072000 (12288000)
Table 67 Recommended Filter Configurations for Supported Sample Rates
Figure 44 DAC Filter Response 8k Sampling Rate
Figure 45 DAC Filter Response for 11.025k Sample Rate
Figure 46 DAC Filter Response for 12k Sample Rate
Figure 47 DAC Filter Response for 16k Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com