Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 1 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 1 Page - Agere Systems

  CSP1027 Datasheet HTML 1Page - Agere Systems CSP1027 Datasheet HTML 2Page - Agere Systems CSP1027 Datasheet HTML 3Page - Agere Systems CSP1027 Datasheet HTML 4Page - Agere Systems CSP1027 Datasheet HTML 5Page - Agere Systems CSP1027 Datasheet HTML 6Page - Agere Systems CSP1027 Datasheet HTML 7Page - Agere Systems CSP1027 Datasheet HTML 8Page - Agere Systems CSP1027 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Data Sheet
December 1999
CSP1027 Voice Band Codec for
Cellular Handset and Modem Applications
1 Features
s
∆-Σ (delta-sigma) A/D and D/A converters with stan-
dard 16-bit serial I/O interface.
s
On-chip filters meet ITU-T G.712 voice band fre-
quency response and signal to distortion plus noise
specifications. Suitable for IS-54, GSM, and JDC dig-
ital cellular applications.
s
Low-profile package (<1.5 mm) 48-pin thin quad flat
pack (TQFP) available or 44-pin EIAJ quad flat pack
(QFP).
s
Operates in systems with a 3.0 V to 5.0 V digital
power supply and a 5.0 V analog supply.
s
Low-power 0.9 µm CMOS technology, fully static
design, typical power of 68 mW when active and
0.05 mW in standby with a 3.3 V digital supply and a
5.0 V analog supply.
s
A low-power inactive (standby) state without stopping
clock or removing power supply.
s
Sampling rates up to 24 kHz.
s
On-chip programmable sampling clock generator
allows input clock to be an integer multiple of
125 times the sampling rate or an integer multiple of
the sampling rate.
s
Programmable phase adjust of both codec sampling
clock and baseband codec clock.
s
Two on-chip clock dividers for generating the output
clock for the baseband codec and the output clock
for other processors.
s
Regulated microphone power supply.
s
Microphone preamplifier, with programmable input
ranges of 0.16 Vp and 0.5 Vp.
s
Output amplifier, with programmable gain settings,
0 dB to –45 dB in –3 dB steps.
s
High-pass filters selectable via control registers.
s
Power-on reset pulse generator.
s
Standard 16-bit serial I/O interface.
s
Serial I/O multiprocessor mode compatible with the
Lucent Technologies Microelectronics Group’s
DSP16A and DSP1610/1616/1617/1618 Digital Sig-
nal Processors.
2 Description
The Lucent CSP1027 is a high-precision linear voice-
band
∆-Σ (delta-sigma) codec designed for cellular
handset and modem applications. The device is fabri-
cated in low-power CMOS technology and designed for
low-voltage (3.0 V to 5.0 V) digital systems. The
CSP1027 is packaged in a 44-pin EIAJ quad flat pack
(QFP) or a 48-pin EIAJ thin quad flat pack (TQFP). In
the 48-pin TQFP, the CSP1027 occupies a total volume
of 0.0784 cm3.
The CSP1027 has a variety of significant programma-
ble features not found in standard voice band codecs.
The analog interface includes a microphone preampli-
fier with programmable gain settings, an output ampli-
fier with gain programmable in 3 dB steps over a 45 dB
range, and a regulated microphone power supply. An
inactive mode allows a low-power standby state, and a
mute function provides suppression of the analog out-
put. On-chip antialiasing and anti-imaging filtering
includes a selectable high-pass filter. The CSP1027
meets ITU-T G.712 voice band specifications.
The programmable features of the CSP1027 are set by
writing four on-chip control registers through the serial
I/O interface. The codec’s digital input/output uses a
linear 16-bit two’s complement data format that is also
transferred through the serial I/O interface. The
CSP1027 interfaces easily to the 16-bit serial ports of
digital signal processors and other devices. The serial
interface supports the Lucent fixed-point DSP family
serial multiprocessor mode. This allows up to eight
compatible devices, including two CSP1027s, to inter-
face to each other on a common 4-wire bus using a
time-division-multiplexing scheme.


Similar Part No. - CSP1027

ManufacturerPart #DatasheetDescription
logo
Agere Systems
CSP1027 AGERE-CSP1027 Datasheet
48Kb / 4P
Host-Based Controller V.92 Modem Chip Set
September 2001
More results

Similar Description - CSP1027

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9704M WOLFSON-WM9704M Datasheet
270Kb / 37P
AMC97 Audio and Modem Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
Voice-Band Audio CODEC for CDMA
logo
Skyworks Solutions Inc.
SKY74073 SKYWORKS-SKY74073 Datasheet
78Kb / 2P
SKY74073: Dual-Band SPR??Module for GSM and GPRS Handset Applications
SKY74076 SKYWORKS-SKY74076 Datasheet
57Kb / 2P
Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
SKY74067-21 SKYWORKS-SKY74067-21 Datasheet
184Kb / 10P
Dual-Band CDMA2000 Transmitter for Cellular CDMA and PCS Femtocell Applications
logo
CML Microcircuits
FX812 CMLMICRO-FX812 Datasheet
480Kb / 13P
VOICE STORE AND RETRIEVE CODEC
logo
Texas Instruments
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
Single-Channel Voice Band CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com