Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 52 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 52 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 48Page - Agere Systems CSP1027 Datasheet HTML 49Page - Agere Systems CSP1027 Datasheet HTML 50Page - Agere Systems CSP1027 Datasheet HTML 51Page - Agere Systems CSP1027 Datasheet HTML 52Page - Agere Systems CSP1027 Datasheet HTML 53Page - Agere Systems CSP1027 Datasheet HTML 54Page - Agere Systems CSP1027 Datasheet HTML 55Page - Agere Systems CSP1027 Datasheet HTML 56Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
52
10 Analog Characteristics and Requirements (continued)
10.2 Analog-to-Digital Path
Notes:
The signal to distortion plus noise ratio is from the MICIN or AUXIN input to the PCM output when EIGS = 0, and from Vin (of Figure 5 on page
7) to PCM output when EIGS = 1.
The A/D signal to distortion plus noise ratio is valid for sampling rates up to 16 kHz. For sampling rates between 16 kHz and 24 kHz, the signal
to distortion plus noise ratio is no better than 60 dB.
* Gain is relative to the 0 dBm0 signal level with EIGS = 0 and IRSEL = 0.
Note: The frequency response scales linearly with codec oversampling clock rate. Frequencies greater than 4000 Hz are affected by antialias
filtering attenuation.
Table 16. A/D Signal to Distortion Plus Noise Ratio
Output Signal Level
Preamp
(EIGS = 0)
0.5 Vp Range
(cioc0: IRSEL = 0)
Preamp
(EIGS = 0)
0.16 Vp Range
(cioc0: IRSEL = 1)
Ext. Gain Select
(EIGS = 1)
1.578 Vp Range
Unit
Min
Max
Min
Max
Min
Max
0 dBm0
71
—
68
—
71
—
dB
–10 dBm0
62
—
59
—
62
—
dB
–30 dBm0
42
—
39
—
42
—
dB
–40 dBm0
32
—
29
—
32
—
dB
–45 dBm0
27
—
24
—
27
—
dB
–55 dBm0
17
—
14
—
17
—
dB
Table 17. A/D Relative Gain Accuracy*
Output Signal Level
Min
Max
Unit
+3 dBm0 to –40 dBm0
–0.1
0.1
dB
–40 dBm0 to –50 dBm0
–0.4
0.4
dB
–50 dBm0 to –55 dBm0
–1.2
1.2
dB
Table 18. A/D Frequency Response Relative to 1 kHz Output Level (fOS = 1 MHz and fS = 8 kHz)
Frequency
High-Pass Filter Enabled
(HPFE = 0)
High-Pass Filter Disabled
(HPFE = 1)
Unit
Min
Max
Min
Max
50 Hz
—
–40
–0.25
0.25
dB
60 Hz
—
–40
–0.25
0.25
dB
100 Hz
–34
–18
–0.25
0.25
dB
200 Hz
–12
0
–0.25
0.25
dB
300 Hz
–0.25
0.25
–0.25
0.25
dB
3000 Hz
–0.25
0.25
–0.4
0.25
dB
3400 Hz
–0.9
0.25
–0.9
0.25
dB
4000 Hz
—
–6
—
–6
dB
4600 Hz
—
–35
—
–35
dB
8000 Hz
—
–45
—
–45
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com