Electronic Components Datasheet Search
  English  ▼

X  

CSP1027 Datasheet(PDF) 40 Page - Agere Systems

Part # CSP1027
Description  CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CSP1027 Datasheet(HTML) 40 Page - Agere Systems

Back Button CSP1027 Datasheet HTML 36Page - Agere Systems CSP1027 Datasheet HTML 37Page - Agere Systems CSP1027 Datasheet HTML 38Page - Agere Systems CSP1027 Datasheet HTML 39Page - Agere Systems CSP1027 Datasheet HTML 40Page - Agere Systems CSP1027 Datasheet HTML 41Page - Agere Systems CSP1027 Datasheet HTML 42Page - Agere Systems CSP1027 Datasheet HTML 43Page - Agere Systems CSP1027 Datasheet HTML 44Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
CSP1027 Voice Band Codec for
Data Sheet
Cellular Handset and Modem Applications
December 1999
Lucent Technologies Inc.
40
7 Application Information (continued)
Figure 33. Typical Supply Current of Crystal Oscillator Circuit, VDD = 5.0 V, 25 °C
Figure 34. Typical Supply Current of Crystal Oscillator Circuit, VDD = 3.3 V, 25 °C
5-7612 (F)
6.5
6.0
5.5
5.0
4.5
3.0
2
8
14
18
22
26
30
34
38
FREQUENCY (MHz)
4.0
3.5
4
121620
24283236
40
10
6
7.0
C1 = C2 = 10 pF
C1 = C2 = 50 pF
5-7613 (F)
1.5
0.0
2
8
14
18
22
26
30
FREQUENCY (MHz)
1.0
0.5
4
1216202428
10
6
2.0
0
C1 = C2 = 10 pF
C1 = C2 = 50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com